Moteur de recherche de fiches techniques de composants électroniques |
|
SN7416N Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
SN7416N Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 7 page SN5406, SN5416, SN7406, SN7416 HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS SDLS031A – DECEMBER 1983 – REVISED DECEMBER 2001 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION From Output Under Test CL (see Note A) RL Test Point VCC LOAD CIRCUIT 1.5 V 1.5 V High-Level Pulse 1.5 V 1.5 V tw Low-Level Pulse VOLTAGE WAVEFORMS PULSE WIDTHS NOTES: A. CL includes probe and jig capacitance. B. In the examples above, the phase relationships between inputs and outputs have been chosen arbitrarily. C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr ≤ 7 ns, tf ≤ 7 ns. D. The outputs are measured one at a time with one input transition per measurement. 1.5 V 1.5 V Input tPLH In-Phase Output 3 V 0 V 1.5 V 1.5 V VOH VOL tPHL 1.5 V 1.5 V VOH VOL tPHL tPLH Out-of-Phase Output VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES Figure 1. Load Circuit and Voltage Waveforms |
Numéro de pièce similaire - SN7416N |
|
Description similaire - SN7416N |