Moteur de recherche de fiches techniques de composants électroniques |
|
SN7417 Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
SN7417 Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 13 page SN5407, SN5417, SN7407, SN7417 HEX BUFFERS/DRIVERS WITH OPENCOLLECTOR HIGHVOLTAGE OUTPUTS SDLS032G − DECEMBER 1983 − REVISED MAY 2004 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions (see Note 4) MIN NOM MAX UNIT VCC Supply voltage SN5407, SN5417 4.5 5 5.5 V VCC Supply voltage SN7407, SN7417 4.75 5 5.25 V VIH High-level input voltage 2 V VIL Low-level input voltage 0.8 V VOH High-level output voltage SN5407, SN7407 30 V VOH High-level output voltage SN5417, SN7417 15 V IOL Low-level output current SN5407, SN5417 30 mA IOL Low-level output current SN7407, SN7417 40 mA TA Operating free-air temperature SN5407, SN5417 −55 125 °C TA Operating free-air temperature SN7407, SN7417 0 70 °C NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS† MIN TYP‡ MAX UNIT VIK VCC = MIN, II = −12 mA −1.5 V IOH VCC = MIN, VIH = 2 V VOH = 30 V (SN5407, SN7407) 0.25 mA IOH VCC = MIN, VIH = 2 V VOH = 15 V (SN5417, SN7417) 0.25 mA IOL = 16 mA 0.4 VOL VCC = MIN, VIL = 0.8 V IOL = 30 mA (SN5407, SN5417) 0.7 V VOL VCC = MIN, VIL = 0.8 V IOL = 40 mA (SN7407, SN7417) 0.7 V II VCC = MAX, VI = 5.5 V 1 mA IIH VCC = MAX, VIH = 2.4 V 40 µA IIL VCC = MAX, VIL = 0.4 V −1.6 mA ICCH VCC = MAX 29 41 mA ICCL VCC = MAX 21 30 mA † For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. ‡ All typical values are at VCC = 5 V, TA = 25°C. switching characteristics, VCC = 5 V, TA = 25°C (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) TEST CONDITIONS MIN TYP MAX UNIT tPLH A Y RL = 110 Ω, CL = 15 pF 6 10 ns tPHL A Y RL = 110 Ω, CL = 15 pF 20 30 ns tPLH A Y RL = 150 Ω, CL = 50 pF 15 ns tPHL A Y RL = 150 Ω, CL = 50 pF 26 ns |
Numéro de pièce similaire - SN7417 |
|
Description similaire - SN7417 |