Moteur de recherche de fiches techniques de composants électroniques |
|
SN7417 Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
SN7417 Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 13 page SN5407, SN5417, SN7407, SN7417 HEX BUFFERS/DRIVERS WITH OPENCOLLECTOR HIGHVOLTAGE OUTPUTS SDLS032G − DECEMBER 1983 − REVISED MAY 2004 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Convert TTL Voltage Levels to MOS Levels D High Sink-Current Capability D Input Clamping Diodes Simplify System Design D Open-Collector Driver for Indicator Lamps and Relays D Inputs Fully Compatible With Most TTL Circuits description/ordering information These TTL hex buffers/drivers feature high-voltage open-collector outputs for interfacing with high-level circuits (such as MOS) or for driving high-current loads (such as lamps or relays) and also are characterized for use as buffers for driving TTL inputs. The SN5407 and SN7407 have minimum breakdown voltages of 30 V, and the SN5417 and SN7417 have minimum breakdown voltages of 15 V. The maximum sink current is 30 mA for the SN5407 and SN5417 and 40 mA for the SN7407 and SN7417. These devices perform the Boolean function Y = A in positive logic. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING Tube SN7407D 7407 SOIC − D Tape and reel SN7407DR 7407 SOIC − D Tube SN7417D 7417 0 °C to 70°C Tape and reel SN7417DR 7417 0 °C to 70°C PDIP − N Tube SN7407N SN7407N PDIP − N Tube SN7417N SN7417N SOP − NS Tape and reel SN7407NSR SN7407 SOP − NS Tape and reel SN7417NSR SN7417 CDIP − J Tube SNJ5407J SNJ5407J −55 °C to 125°C CDIP − J Tube SNJ5417J SNJ5417J −55 °C to 125°C CFP − W Tube SNJ5407W SNJ5407W LCCC − FK Tube SNJ5407FK SNJ5407FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Copyright 2004, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. SN5407, SN5417 ...J OR W PACKAGE SN7407, SN7417 . . . D, N, OR NS PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1A 1Y 2A 2Y 3A 3Y GND VCC 6A 6Y 5A 5Y 4A 4Y SN5407 . . . FK PACKAGE (TOP VIEW) NC − No internal connection 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 6Y NC 5A NC 5Y 2A NC 2Y NC 3A On products compliant to MILPRF38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Numéro de pièce similaire - SN7417 |
|
Description similaire - SN7417 |