Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54CW Fiches technique(PDF) 2 Page - Dc Components

No de pièce BAT54CW
Description  TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY BARRIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DCCOM [Dc Components]
Site Internet  http://www.dccomponents.com
Logo DCCOM - Dc Components

BAT54CW Fiches technique(HTML) 2 Page - Dc Components

  BAT54CW Datasheet HTML 1Page - Dc Components BAT54CW Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES (BAT54W, BAT54AW, BAT54CW, BAT54SW)
R
DC COMPONENTS CO., LTD.
5
10
0
2
4
6
8
10
12
15
25
20
REVERSE VOLTAGE, (V)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, (V)
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
FIG. 1 - TYPICAL FORWARD CURRENT
DERATING CURVE
AMBIENT LEAD TEMPERATURE, (oC)
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
REVERSE VOLTAGE, (V)
14
16
0
5
10
100
1000
10000
15
20
25
TJ= 100oC
TJ= 75oC
10
15
20
0.001
0.01
1
10
0.1
25
30
35
TJ= 25oC
0
20
0.1
0.2
0.3
0.5
0.4
40
60
80
100
120
0.1
0.2
0.3
0.4
0.5
0
0.001
0.01
0.1
TJ= 25oC
TJ= 100oC
TJ= 75oC


Numéro de pièce similaire - BAT54CW

FabricantNo de pièceFiches techniqueDescription
logo
Chip Integration Techno...
BAT54CW CITC-BAT54CW Datasheet
156Kb / 3P
   200mA Surface Mount Small Signal Diodes
logo
Pan Jit International I...
BAT54CW PANJIT-BAT54CW Datasheet
121Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Nexperia B.V. All right...
BAT54CW NEXPERIA-BAT54CW Datasheet
228Kb / 8P
   Schottky barrier diode
1 April 2023
logo
Vishay Siliconix
BAT54CW VISHAY-BAT54CW Datasheet
74Kb / 5P
   Schottky Diode, 2 x 0.1 A
Revision: 22-Aug-08
logo
NXP Semiconductors
BAT54CW NXP-BAT54CW Datasheet
287Kb / 11P
   Planar Schottky barrier diodes with an integrated guard ring for stress protection, encapsulated in a very small SOT323
Rev. 3-20 November 2012
More results

Description similaire - BAT54CW

FabricantNo de pièceFiches techniqueDescription
logo
Dc Components
SD103A DCCOM-SD103A Datasheet
52Kb / 2P
   TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY BARRIER DIODES
BAT42 DCCOM-BAT42 Datasheet
192Kb / 2P
   TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY BARRIER DIODES
BAT85 DCCOM-BAT85 Datasheet
194Kb / 2P
   TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY BARRIER DIODES
BAS85 DCCOM-BAS85 Datasheet
240Kb / 2P
   TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY BARRIER DIODES
BAT54 DCCOM-BAT54 Datasheet
254Kb / 2P
   TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY BARRIER DIODES
DL60P DCCOM-DL60P Datasheet
43Kb / 1P
   TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY DIODES
1N60P DCCOM-1N60P Datasheet
62Kb / 2P
   TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY DIODES
SD103AWS DCCOM-SD103AWS Datasheet
261Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS40 DCCOM-BAS40 Datasheet
75Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
LL103A DCCOM-LL103A Datasheet
240Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com