Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1616A Fiches technique(PDF) 1 Page - Dc Components

No de pièce 2SD1616A
Description  TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DCCOM [Dc Components]
Site Internet  http://www.dccomponents.com
Logo DCCOM - Dc Components

2SD1616A Fiches technique(HTML) 1 Page - Dc Components

  2SD1616A Datasheet HTML 1Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SD1616A
DISCRETE SEMICONDUCTORS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
Description
Designed for audio frequency power amplifier and
medium-speed switching applications.
Pinning
1 = Emitter
2 = Collector
3 = Base
TO-92
.022(0.56)
.014(0.36)
.050
(1.27)
.148(3.76)
.132(3.36)
Typ
.190(4.83)
.170(4.33)
.100
(2.54)
Typ
.050
(1.27)
Typ
.022(0.56)
.014(0.36)
.190(4.83)
.170(4.33)
.500
(12.70)
Min
2oTyp
5oTyp.
2oTyp
3 2 1
5oTyp.
Dimensions in inches and (millimeters)
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
120
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
6
V
Collector Current (DC)
IC
1
A
Collector Current (pulse)
IC
2
A
Total Power Dissipation
PD
750
mW
Junction Temperature
TJ
+150
o
C
Storage Temperature
TSTG
-55 to +150
o
C
Absolute Maximum Ratings(TA=25oC)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector-Base Breakdown Volatge
BVCBO
120
-
-
V
IC=100
µA
Collector-Emitter Breakdown Voltage
BVCEO
60
-
-
V
IC=1mA
Emitter-Base Breakdown Volatge
BVEBO
6
-
-
V
IE=10
µA
Collector Cutoff Current
ICBO
-
-
0.1
µA
VCB=60V
Emitter Cutoff Current
IEBO
-
-
0.1
µA
VEB=6V
Collector-Emitter Saturation Voltage(1)
VCE(sat)
-
0.15
0.3
V
IC=1A, IB=50mA
Base-Emitter Saturation Voltage(1)
VBE(sat)
-
0.9
1.2
V
IC=1A, IB=50mA
Base-Emitter On Voltage(1)
VBE(on)
0.6
-
0.7
V
IC=50mA, VCE=2V
DC Current Gain(1)
hFE1
135
-
600
-
IC=100mA, VCE=2V
hFE2
81
-
-
-
IC=1A, VCE=2V
Transition Frequency
fT
100
160
-
MHz
IC=100mA, VCE=2V
Output Capacitance
Cob
-
-
19
pF
VCB=10V, f=1MHz, IE=0
Turn-On Time
ton
-
0.07
-
µS
IC=100mA, VCE=10V
Storage Time
ts
-
0.95
-
µS
IB1=IB2=10mA
Fall Time
tf
-
0.07
-
µS
VBE(off)=-2 ~ -3V
Electrical Characteristics
(Ratings at 25oC ambient temperature unless otherwise specified)
(1)Pulse Test: Pulse Width
380
µs, Duty Cycle 2%
Rank
Y
G
L
Range
135~270
200~400
300~600
Classification of hFE1
Exit Data Book!!
(Listed in alphanumeric order)
(Refered to industrial part No.)
(Classified by function, voltage, & current)
(Listed in alphanumeric order)
Go to "ALPHANUMERIC INDEX" of Transistors!!
Go to "CROSS REFERENCE TABLE" of Transistors!!
Go to "QUICK REFERENCE TABLE" of Rectifiers!!
Go to "ALPHANUMERIC INDEX" of Rectifiers!!


Numéro de pièce similaire - 2SD1616A

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
2SD1616A UTC-2SD1616A Datasheet
145Kb / 3P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Nanjing International G...
2SD1616A DGNJDZ-2SD1616A Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Micro Electronics
2SD1616A MICRO-ELECTRONICS-2SD1616A Datasheet
111Kb / 1P
   NPN SILICON TRANSISTOR
logo
Nanjing International G...
2SD1616A DGNJDZ-2SD1616A Datasheet
1Mb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
NEC
2SD1616A NEC-2SD1616A Datasheet
156Kb / 2P
   NPN SILICON TRANSISTORS
More results

Description similaire - 2SD1616A

FabricantNo de pièceFiches techniqueDescription
logo
Dc Components
MPSA42M DCCOM-MPSA42M Datasheet
213Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DC8050S DCCOM-DC8050S Datasheet
240Kb / 2P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DC9014 DCCOM-DC9014 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DXT3904 DCCOM-DXT3904 Datasheet
237Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DXTA44 DCCOM-DXTA44 Datasheet
237Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DC9013 DCCOM-DC9013 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
BD237D DCCOM-BD237D Datasheet
218Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2N3773 DCCOM-2N3773 Datasheet
234Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2SC1959 DCCOM-2SC1959 Datasheet
214Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2SD667A DCCOM-2SD667A Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2SD965 DCCOM-2SD965 Datasheet
213Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com