Moteur de recherche de fiches techniques de composants électroniques |
|
LM2903DRE4 Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
LM2903DRE4 Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 18 page LM193, LM293, LM293A LM393, LM393A, LM2903, LM2903V DUAL DIFFERENTIAL COMPARATORS SLCS005S − JUNE 1976 − REVISED OCTOBER 2004 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† LM2903 LM2903A UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage VCC = 5 V to MAX‡, VO = 1.4 V, 25 °C 2 7 1 2 mV VIO Input offset voltage CC VO = 1.4 V, VIC = VIC(min) Full range 15 4 mV IIO Input offset current VO = 1.4 V 25 °C 5 50 5 50 nA IIO Input offset current VO = 1.4 V Full range 200 200 nA IIB Input bias current VO = 1.4 V 25 °C −25 −250 −25 −250 nA IIB Input bias current VO = 1.4 V Full range −500 −500 nA VICR Common-mode § 25 °C 0 to VCC − 1.5 0 to VCC − 1.5 V VICR Common-mode input voltage range§ Full range 0 to VCC − 2 0 to VCC − 2 V AVD Large-signal differential-voltage amplification VCC = 15 V, VO = 1.4 V to 11.4 V, RL ≥ 15 kΩ to VCC 25 °C 25 100 25 100 V/mV IOH High-level VOH = 5 V, VID = 1 V 25 °C 0.1 50 0.1 50 nA IOH High-level output current VOH = VCC MAX, VID = 1 V Full range 1 1 µA VOL Low-level IOL = 4 mA, VID = −1 V 25 °C 150 400 150 400 mV VOL Low-level output voltage IOL = 4 mA, VID = −1 V Full range 700 700 mV IOL Low-level output current VOL = 1.5 V, VID = −1 V 25 °C 6 6 mA ICC Supply current RL = ∞ VCC = 5 V 25 °C 0.8 1 0.8 1 mA ICC Supply current RL = ∞ VCC = MAX Full range 2.5 2.5 mA † Full range (MIN or MAX) for LM2903 is −40°C to 125°C. All characteristics are measured with zero common-mode input voltage, unless otherwise specified. ‡ VCC MAX = 30 V for non-V devices and 32 V for V-suffix devices. § The voltage at either input or common-mode should not be allowed to go negative by more than 0.3 V. The upper end of the common-mode voltage range is VCC+ − 1.5 V, but either or both inputs can go to 30 V (32 V for V-suffix devices) without damage. switching characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS LM193 LM293, LM293A LM393, LM393A LM2903 UNIT TYP Response time RL connected to 5 V through 5.1 kΩ, ¶ 100-mV input step with 5-mV overdrive 1.3 µs Response time RL connected to 5 V through 5.1 kΩ, CL = 15 pF¶, See Note 8 TTL-level input step 0.3 µs ¶ CL includes probe and jig capacitance. NOTE 8: The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V. |
Numéro de pièce similaire - LM2903DRE4 |
|
Description similaire - LM2903DRE4 |