Moteur de recherche de fiches techniques de composants électroniques |
|
OP27EJG Fiches technique(PDF) 1 Page - Texas Instruments |
|
OP27EJG Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 21 page OP27A, OP27C, OP27E, OP27G OP37A, OP37C, OP37E, OP37G LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS SLOS100B – FEBRUARY 1989 – REVISED AUGUST 1994 Copyright © 1994, Texas Instruments Incorporated 2–1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 • Direct Replacements for PMI and LTC OP27 and OP37 Series Features of OP27A, OP27C, OP37A, and OP37C: • Maximum Equivalent Input Noise Voltage: 3.8 nV/ √Hz at 1 kHz 5.5 nV/ √Hz at 10 kHz • Very Low Peak-to-Peak Noise Voltage at 0.1 Hz to 10 Hz . . . 80 nV Typ • Low Input Offset Voltage ...25 µV Max • High Voltage Amplification ...1 V/µV Min Feature of OP37 Series: • Minimum Slew Rate ...11 V/µs description The OP27 and OP37 operational amplifiers combine outstanding noise performance with excellent precision and high-speed specifications. The wideband noise is only 3 nV/ √Hz and with the 1/f noise corner at 2.7 Hz, low noise is maintained for all low-frequency applications. The outstanding characteristics of the OP27 and OP37 make these devices excellent choices for low-noise amplifier applications requiring precision performance and reliability. Additionally, the OP37 is free of latch-up in high-gain, large-capacitive-feedback configurations. The OP27 series is compensated for unity gain. The OP37 series is decompensated for increased bandwidth and slew rate and is stable down to a gain of 5. The OP27A, OP27C, OP37A, and OP37C are characterized for operation over the full military temperature range of – 55 °C to 125°C. The OP27E, OP27G, OP37E, and OP37G are characterized for operation from – 25 °C to 85°C. AVAILABLE OPTIONS VIOmax STABLE PACKAGE TA VIOmax AT 25 °C STABLE GAIN CERAMIC DIP (JG) CHIP CARRIER (FK) PLASTIC DIP (P) 25 µV 1 — — OP27EP 25 °Cto85°C 25 µV 5 — — OP37EP – 25 °C to 85°C 100 µV 1 — — OP27GP 100 µV 5 — — OP37GP 25 µV 1 OP27AJG OP27AFK — 55 °Cto125°C 25 µV 5 OP37AJG OP37AFK — – 55 °C to 125°C 100 µV 1 OP27CJG — — 100 µV 5 OP37CJG — — PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. 1 2 3 4 8 7 6 5 VIO TRIM IN – IN + VCC – VIO TRIM VCC+ OUT NC JG OR P PACKAGE (TOP VIEW) IN + IN – OUT VIO TRIM 18 6 3 2 symbol 3 2 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 NC VCC+ NC OUT NC NC 1N – NC IN + NC FK PACKAGE (TOP VIEW) NC – No internal connection Pin numbers are for the JG and P packages. + – |
Numéro de pièce similaire - OP27EJG |
|
Description similaire - OP27EJG |