Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OP27EJG Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce OP27EJG
Description  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

OP27EJG Fiches technique(HTML) 6 Page - Texas Instruments

Back Button OP27EJG Datasheet HTML 2Page - Texas Instruments OP27EJG Datasheet HTML 3Page - Texas Instruments OP27EJG Datasheet HTML 4Page - Texas Instruments OP27EJG Datasheet HTML 5Page - Texas Instruments OP27EJG Datasheet HTML 6Page - Texas Instruments OP27EJG Datasheet HTML 7Page - Texas Instruments OP27EJG Datasheet HTML 8Page - Texas Instruments OP27EJG Datasheet HTML 9Page - Texas Instruments OP27EJG Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
OP27A, OP27C, OP27E, OP27G
OP37A, OP37C, OP37E, OP37G
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
SLOS100B – FEBRUARY 1989 – REVISED AUGUST 1994
2–6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
OP27 operating characteristics over operating free-air temperature range, VCC± = ±15 V
PARAMETER
TEST CONDITIONS
OP27A, OP27E
OP27C, OP27G
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
SR
Slew rate
AVD ≥ 1,
RL ≥ 2 kΩ
1.7
2.8
1.7
2.8
V/
µs
VN(PP)
Peak-to-peak equivalent
input noise voltage
f = 0.1 Hz to 10 Hz, RS = 20 Ω,
See Figure 34
0.08
0.18
0.09
0.25
µV
f = 10 Hz,
RS = 20 Ω
3.5
5.5
3.8
8
Vn
Equivalent input noise voltage
f = 30 Hz,
RS = 20 Ω
3.1
4.5
3.3
5.6
nV/
√Hz
f = 1 kHz,
RS = 20 Ω
3
3.8
3.2
4.5
f = 10 Hz,
See Figure 35
1.5
4
1.5
In
Equivalent input noise current
f = 30 Hz,
See Figure 35
1
2.3
1
pA/
√Hz
f = 1 kHz,
See Figure 35
0.4
0.6
0.4
0.6
Gain-bandwidth product
f = 100 kHz
5
8
5
8
MHz
OP37 operating characteristics over operating free-air temperature range, VCC± = ±15 V
PARAMETER
TEST CONDITIONS
OP37A, OP37E
OP37C, OP37G
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
SR
Slew rate
AVD ≥ 5,
RL ≥ 2 kΩ
11
17
11
17
V/
µs
VN(PP)
Peak-to-peak equivalent
input noise voltage
f = 0.1 Hz to 10 Hz, RS = 20 Ω,
See Figure 34
0.08
0.18
0.09
0.25
µV
Ei
lt i
t
i
f = 10 Hz,
RS = 20 Ω
3.5
5.5
3.8
8
Vn
Equivalent input noise
voltage
f = 30 Hz,
RS = 20 Ω
3.1
4.5
3.3
5.6
nV/
√Hz
voltage
f = 1 kHz,
RS = 20 Ω
3
3.8
3.2
4.5
f = 10 Hz,
See Figure 35
1.5
4
1.5
In
Equivalent input noise current
f = 30 Hz,
See Figure 35
1
2.3
1
pA/
√Hz
f = 1 kHz,
See Figure 35
0.4
0.6
0.4
0.6
Gain bandwidth product
f = 10 kHz
45
63
45
63
MHz
Gain-bandwidth product
AV ≥ 5,
f = 1 MHz
40
40
MHz


Numéro de pièce similaire - OP27EJG

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
OP27EJ AD-OP27EJ Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
logo
Maxim Integrated Produc...
OP27EJ MAXIM-OP27EJ Datasheet
446Kb / 12P
   Low-Noise Precision Operaional Amplifiers
Rev 0; 10/92
More results

Description similaire - OP27EJG

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27GU TI-OP27GU Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
LT1007 TI-LT1007 Datasheet
306Kb / 24P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1007 LINER-LT1007_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
LT1037 LINER-LT1037_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
logo
Texas Instruments
OP27A TI1-OP27A_14 Datasheet
327Kb / 23P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27AFKB TI-OP27AFKB Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27CJGB TI-OP27CJGB Datasheet
329Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-27 LINER-OP-27_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
OP-27 LINER-OP-27 Datasheet
788Kb / 11P
   Low Noise, High Speed Precision Operational Amplifiers?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com