Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M02-09-00 Fiches technique(PDF) 2 Page - Gamewell-FCI by Honeywell

No de pièce M02-09-00
Description  Filtrex Hostile Area Smoke Head Analog Addressable Detector with SmartScan
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Site Internet  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

M02-09-00 Fiches technique(HTML) 2 Page - Gamewell-FCI by Honeywell

  M02-09-00 Datasheet HTML 1Page - Gamewell-FCI by Honeywell M02-09-00 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SS-F
CS-2473
09/01/06
Page 2 of 2
Gamewell-FCI
12 Clintonville Road
Northford, CT 06472-1610
Phone: 203-484-7161
Fax: 203-484-7118
www.gamewell-fci.com
A Honeywell Company
© 2006 Gamewell-FCI
Specifications and wiring information are provided for information only and are believed
to be accurate. Gamewell-FCI assumes no responsibility for their use.
Data and design are subject to change without notice. Installation and wiring instructions
shipped with the product shall always be used for actual installation. For more
information, contact Gamewell-FCI.
Specifications
Size
2.875" (7.303 cm) high, 3.375" (8.573
cm) high in base; diameter 4.0" (10.16
cm), 6.125" (15.558 cm) diameter in
base.
Weight
7.3 oz. (207 g).
Current draw, SLC
DETECTOR: 300 µA @ 24 VDC (one
communication every 5 seconds with
LED enabled).
Current draw, auxiliary 24 VDC (15
to 30 VDC filtered; ripple voltage may
not drop below 15 volts): 123 mA
maximum, 27 mA average. For
battery calculation purposes,
average standby current is 27 mA.
Operating voltage range
15 – 32 volts DC peak.
Operating temperature range
0°C to 49°C (32°F to 120°F).
Relative humidity
10% – 93%, noncondensing.
Air velocity
4,000 ft/1219.2 meters per minute
maximum.
Maximum altitude
4,000 feet (1219.2 meters).
Detector spacing
Gamewell recommends spacing
detectors in compliance with NFPA 72.
In low-air-flow applications with
smooth ceilings, space detectors 30
feet (9.114 m) apart. For specific
information regarding sensor spacing,
placement, and special applications,
refer to NFPA 72 or the Guide to
Proper Use of System Smoke Detec-
tors, available from
systemsensor.com.
The SS-F detector contains both a
permanent filter and a replaceable
filter, a supervised fan, and a photo-
electric detector; to fit into a flanged
adapter base.
6903wir.tif
Product Line Information
SS-F
Hostile-environment smoke detector head.
SS-BF
Flanged adapter base, 6.125" (15.558 cm) diameter.
RF-FTX
Replacement outer filter cover assembly, box of 6.
RA400Z
Remote LED annunciator, 3 – 32 VDC, fits U.S. single-gang electrical
box.
M02-04-01 Test magnet.
M02-09-00 Test magnet with telescope stick.
Wiring Diagram
6346top.tif
6346expl.tif


Numéro de pièce similaire - M02-09-00

FabricantNo de pièceFiches techniqueDescription
logo
Systemsensor advanced i...
M02-09-00 SYSTEMSENSOR-M02-09-00 Datasheet
79Kb / 2P
   Intelligent Photoelectric Smoke Detector
M02-09-00 SYSTEMSENSOR-M02-09-00 Datasheet
231Kb / 2P
   400 Series Plug-In Thermal Detectors
M02-09-00 SYSTEMSENSOR-M02-09-00 Datasheet
198Kb / 2P
   200 Series Intelligent Low-Profile Plug-In Detectors
More results

Description similaire - M02-09-00

FabricantNo de pièceFiches techniqueDescription
logo
Gamewell-FCI by Honeywe...
ASD-LS GAMEWELL-FCI-ASD-LS_15 Datasheet
73Kb / 2P
   Analog Addressable Laser Smoke Sensor
ASD-IL2F GAMEWELL-FCI-ASD-IL2F Datasheet
146Kb / 2P
   Analog, Addressable loniation Smoke Sensor
XP95-ID GAMEWELL-FCI-XP95-ID Datasheet
253Kb / 2P
   Analog Addressable Duct Smoke Detectors
ASD-PL2F GAMEWELL-FCI-ASD-PL2F_13 Datasheet
53Kb / 2P
   Analog, Addressable Photoelectronic Smoke Sensor
ASD-PL2F GAMEWELL-FCI-ASD-PL2F Datasheet
197Kb / 2P
   Analog, addressable photoelectronic smoke sensor
MS95-SS GAMEWELL-FCI-MS95-SS Datasheet
126Kb / 2P
   Addressable Manual Pull Station with SmartScan
SS-I GAMEWELL-FCI-SS-I Datasheet
98Kb / 2P
   Intelligent Addressable Plug-In Ionization Smoke Detector
SS-APT GAMEWELL-FCI-SS-APT Datasheet
100Kb / 2P
   Multi-Sensor Smoke Detector Low-Profile, Intelligent, Addressable
logo
Allegro MicroSystems
5350 ALLEGRO-5350 Datasheet
75Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT
5355 ALLEGRO-5355 Datasheet
75Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com