Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM500-12 Fiches technique(PDF) 1 Page - Datatronic Distribution, Inc.

No de pièce SM500-12
Description  ADSL POTS SPLITTER INDUCTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DATATRONICS [Datatronic Distribution, Inc.]
Site Internet  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

SM500-12 Fiches technique(HTML) 1 Page - Datatronic Distribution, Inc.

  SM500-12 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
March 7, 2007
DATATRONICS: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
SERIES 500 ADSL POTS SPLITTER INDUCTORS
Features
Maximum DC Line Current up to 80mA DC
Dielectric strength 850VDC for 1 second
Extended temperature range available
Customization available
Optimized design for size and performance
ELECTRICAL SPECIFICATIONS AT 25
°C
Part
Number
Turns Ratio
(1-4):(2-5)
±1%
OCL, Primary
10kHz, 1.0VAC,
0/100mADC
1-4 (mH)
Interwinding
Capacitance
10kHz, 1.0VAC
1-2 Cs pf (Typ)
Resonant
Frequency
1-4 & 2-5 (Min)
DCR @20
°C
1-4, 2-5 (
Ω±10%)
Line Loop Current
(mA)
SM500-1
1:1
10.0
±10%
1.6nf
220kHz
6.50
50
SM500-2
1:1
8.0
±10%
820pf
350kHz
5.00
50
SM500-3
1:1
6.4
±10%
820pf
350kHz
5.00
50
SM500-4
1:1
6.0
±10%
820pf
220kHz
4.50
80
SM500-5
1:1
5.5
±10%
820pf
220kHz
4.75
80
SM500-6
1:1
5.0
±10%
820pf
450kHz
5.00
80
SM500-7
1:1
4.0
±10%
680pf
450kHz
3.50
80
SM500-8
1:1
3.1
±10%
680pf
400kHz
3.50
80
SM500-9
1:1
2.5
±10%
680pf
500kHz
3.50
80
SM500-10
1:1
1.8
±10%
420pf
700kHz
2.00
80
SM500-11
1:1
1.6
±10%
360pf
750kHz
1.80
80
SM500-12
1:1
1.4
±10%
420pf
800kHz
1.95
80
SM500-13
1:1
1.25
±10%
360pf
800kHz
1.80
80
SM500-14
1:1
1.0
±10%
360pf
800kHz
1.80
80
OUTLINE DIMENSIONS
SCHEMATIC
NOTES:
1.
Dimensions are shown in inches/millimeters
Unless otherwise specified, tolerance
= Inches: ±0.010
= Millimeters: ±0,25
2.
For non-RoHS parts replace SM prefix with 42-
(e.g. SM500-1 becomes 42-500-1)
3.
Terminal finish is compliant to RoHS
requirements. Solder in accordance with
J-STD-020C.


Numéro de pièce similaire - SM500-12

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
SM5000RT3UTAA TRIPPLITE-SM5000RT3UTAA Datasheet
516Kb / 5P
   TAA-Compliant SmartPro 208-120V 5kVA 4kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 6U Rack-Tower, USB, DB9 Serial
logo
DB Unlimited.
SM500208-1 DBUNLIMITED-SM500208-1 Datasheet
1,006Kb / 1P
   Released from Engineering
SM500208-2 DBUNLIMITED-SM500208-2 Datasheet
667Kb / 1P
   Released from Engineering
logo
Nippon Precision Circui...
SM5002L NPC-SM5002L Datasheet
95Kb / 9P
   Crystal Oscillator Module ICs
SM5002LAS NPC-SM5002LAS Datasheet
95Kb / 9P
   Crystal Oscillator Module ICs
More results

Description similaire - SM500-12

FabricantNo de pièceFiches techniqueDescription
logo
XFMRS Inc.
XF0063-AD5 XFMRS-XF0063-AD5_15 Datasheet
33Kb / 1P
   ADSL POTS SPLITTER
XF0063-AD5 XFMRS-XF0063-AD5 Datasheet
33Kb / 1P
   ADSL POTS Splitter
XF0063-AD5 XFMRS-XF0063-AD5 Datasheet
33Kb / 1P
   ADSL POTS Splitter
logo
Bothhand USA, LP.
AD-CO8PCN BOTHHAND-AD-CO8PCN Datasheet
104Kb / 2P
   ADSL POTS SPLITTER MODULE
AS2001 BOTHHAND-AS2001 Datasheet
915Kb / 1P
   ADSL POTS Splitter For CPE
logo
SCHOTT CORPORATION
35096 SCHOTT-35096 Datasheet
17Kb / 1P
   INDUCTOR COUPLED ADSL POTS SPLITTER
logo
Bourns Electronic Solut...
3611 BOURNS-3611 Datasheet
46Kb / 1P
   ADSL Full-Rate POTS Splitter
logo
Filtran LTD
L6083 FILTRAN-L6083 Datasheet
33Kb / 1P
   ADSL POTS Splitter LP Filter
7200 FILTRAN-7200 Datasheet
182Kb / 2P
   ADSL 24 CHANNEL POTS SPLITTER FOR ADSL
logo
Pulse A Technitrol Comp...
BX8270NL PULSE-BX8270NL Datasheet
111Kb / 1P
   ADSL POTS CPE SPLITTER FILTER MODULE
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com