Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST-10 Fiches technique(PDF) 2 Page - Gamewell-FCI by Honeywell

No de pièce ST-10
Description  Analog addressable low-flow photoelec-tronic non-relay duct smoke sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Site Internet  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

ST-10 Fiches technique(HTML) 2 Page - Gamewell-FCI by Honeywell

  ST-10 Datasheet HTML 1Page - Gamewell-FCI by Honeywell ST-10 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9020-0622 Rev. C page 2 of 2
www.gamewell-fci.com
Description (continued)
Remote alarm annunciation can be accomplished by using
the RA400Z remote annunciator or the RTS451or
RTS451KEY remote test station. Both these devices allow
testing of the sensor from a remote location.
ADPF low-flow duct sensors are designed for simplified
installation and easy maintenance. The modular construc-
tion allows for easy cleaning and uncomplicated field
replacement of the UL recognized power and sensor
boards.
The ADPF (non-relay) has outputs for a remote LED dis-
play and remote test switch. It incorporates zener diodes
to conserve power for communications to other devices.
The ADPF is a 2-wire device that requires signaling line
circuit power only.
The ADPRF (with relay) has powered outputs for remote
LED indication with a remote test switch and audible
sounder. Two form “C” auxiliary contacts can be config-
ured as a relay version or jumpered to mimic the non-relay
version. It has a patented cover tamper trouble signal. The
ADPRF is a 4-wire device that requires both signaling line
circuit power and either 24VAC/DC or 120/240VAC for
proper operation.
Specifications
Operating Temperature
32° to 131° F (0° to 55° C)
Operating Humidity
Range:
10 to 93% relative humidity
(non–condensing)
Storage Temperature
Range:
-22° to 158° F
(-30° to +70° C)
Duct Air Velocity:
100-4000 ft./min.
(0.5—20.32 m/s)
Shipping Weight:
ADPF:
3.35 lbs. (1.5 kg)
ADPFRF:3.90 lbs. (1.8 kg)
Dimensions
Length:
14 3/4” (37 cm)
Width:
5 1/2” (14 cm)
Depth:
2 3/4” (7 cm)
Model ADPF (Non-relay)
Voltage Range:
15 to 32 VDC
Standby Current:
300 µA @ 24 VDC
(one communication every 5
seconds with LED flash
enabled)
Model ADPFRF (with Relay)
Current Requirements (using no accessories)
Power
Supply Voltage: 20-30 VDC 30 VAC,
50-60 Hz
120 VAC,
50-60 Hz
22/240 VAC,
50-60 Hz
Max. Standby
Current:
26 mA
65 mA RMS 44 mA RMS 25 mA RMS
Max. Alarm
Current:
87 mA
182 mA RMS 52 mA RMS 30 mA RMS
Alarm Response
Time:
3 to 10 sec. 3 to 10 sec. 3 to 10 sec. 3 to 10 sec.
Auxiliary Relay Contact Ratings
Alarm auxiliary contacts* (DPDT):
10 A @ 30 VDC
10 A @ 277 VAC (0.75 power factor)
240 VA @ 249 VAC (0.4 power factor)
1/8 HP @ 120 VAC
1/4 HP @ 240 VAC
Supervisory contact (SPST):
2.0 A @ 30 VDC (resistive)
Minimum switching current for auxiliary contact must be
100 mA DC minimum @ 5 VDC.
Accessory Current Loads at 24 VDC
Device
Standby
Alarm
PA400
0 mA
15 mA Max.
RA400Z
0 mA
12 mA Max.
RTS451/
RTS451KEY
0 mA
10 mA Max.
Ordering Information
Part Number Description
ADPF
Analog addressable low-flow photoelec-
tronic non-relay duct smoke sensor
ADPRF
Analog addressable low-flow photoelec-
tronic with relay duct smoke sensor
ST-1.5
Sampling tube duct widths 1’-2’
ST-3
Sampling tube duct widths 2’-4’
ST-5
Sampling tube duct widths 4’-8’
ST-10
Sampling tube duct widths 8’-12’
A5060
Replacement power board for ADPF-RF
(w/relay)
A5067
Replacement power board for ADPF
(w/o relay)
Accessories Description
RTS451
Remote test station
RTS451KEY
Remote test station w/key
RA400Z
Remote LED
F36-09-11
Replacement filters
M02-04-00
Test magnet
P48-21-00
End cap of metal sampling tube
P48-61-00
End cap for plastic sampling tube
S08-39-01
Replacement photo insect screen


Numéro de pièce similaire - ST-10

FabricantNo de pièceFiches techniqueDescription
logo
Systemsensor advanced i...
ST-10 SYSTEMSENSOR-ST-10 Datasheet
800Kb / 2P
   Intelligent Duct Smoke Detector
ST-10 SYSTEMSENSOR-ST-10 Datasheet
289Kb / 4P
   4-Wire Ionization Duct Smoke Detector
ST-10 SYSTEMSENSOR-ST-10 Datasheet
404Kb / 4P
   Intelligent Low-Flow Duct Smoke Detectors
ST-10 SYSTEMSENSOR-ST-10 Datasheet
266Kb / 4P
   Intelligent Duct Smoke Detectors
ST-10 SYSTEMSENSOR-ST-10 Datasheet
169Kb / 2P
   High-Temperature Duct Smoke Detector
More results

Description similaire - ST-10

FabricantNo de pièceFiches techniqueDescription
logo
Gamewell-FCI by Honeywe...
XP95-ID GAMEWELL-FCI-XP95-ID Datasheet
253Kb / 2P
   Analog Addressable Duct Smoke Detectors
ASD-LS GAMEWELL-FCI-ASD-LS_15 Datasheet
73Kb / 2P
   Analog Addressable Laser Smoke Sensor
ASD-IL2F GAMEWELL-FCI-ASD-IL2F Datasheet
146Kb / 2P
   Analog, Addressable loniation Smoke Sensor
ASD-PL2F GAMEWELL-FCI-ASD-PL2F_13 Datasheet
53Kb / 2P
   Analog, Addressable Photoelectronic Smoke Sensor
ASD-PL2F GAMEWELL-FCI-ASD-PL2F Datasheet
197Kb / 2P
   Analog, addressable photoelectronic smoke sensor
logo
Systemsensor advanced i...
DH200PL SYSTEMSENSOR-DH200PL Datasheet
404Kb / 4P
   Intelligent Low-Flow Duct Smoke Detectors
DNR SYSTEMSENSOR-DNR Datasheet
1Mb / 4P
   Intelligent Non-Relay Photoelectric Duct Smoke Detector
logo
Gamewell-FCI by Honeywe...
SS-PD GAMEWELL-FCI-SS-PD Datasheet
225Kb / 4P
   Intelligent Low-Flow Photoelectric Duct Smoke Detectors
logo
Systemsensor advanced i...
DH100LP SYSTEMSENSOR-DH100LP Datasheet
168Kb / 4P
   2-Wire Low-Flow Duct Smoke Detector
DH100ACDCLP SYSTEMSENSOR-DH100ACDCLP Datasheet
268Kb / 4P
   4-Wire Photoelectric Low-Flow Duct Smoke Detector
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com