Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FC-2190 Fiches technique(PDF) 2 Page - Gamewell-FCI by Honeywell

No de pièce FC-2190
Description  Fire Alarm Control Panel
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Site Internet  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

FC-2190 Fiches technique(HTML) 2 Page - Gamewell-FCI by Honeywell

  FC-2190 Datasheet HTML 1Page - Gamewell-FCI by Honeywell FC-2190 Datasheet HTML 2Page - Gamewell-FCI by Honeywell FC-2190 Datasheet HTML 3Page - Gamewell-FCI by Honeywell FC-2190 Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
.
FC-73
www.firecontrolinstruments.com
9020-0523 Rev. B / Page 2 of 4
FIRE CONTROL INSTRUMENTS
16 Southwest Park, Westwood MA 02090 USA • Tel: 781-471-3000 • Fax: 781-471-3099 • www.firecontrolinstruments.com
Specifications are provided for information only, and are not intened to be used for installation purposes, and are believed to be accurate.
However, no responsibility is assumed by Fire Control Instruments, Inc. for their use. Specifications subject to change without notice.
©2001AllRightsReserved
OPTIONAL ACCESSORIES
LCD-FC73
The LCD-FC73 supervised remote annunciator performs
all system operations. It can be used for programming and
provides access to the Walk Test feature and trouble and
alarm information. The control panel can support up to six
(6) annunciators. Total distance is up to 3000 feet away
over two pair of two-conductor wire.
ZONE EXPANDER (ZDM-FC73)
The ZDM-FC73 Zone Expander provides the FC-73
with ten (10) additional Class "B" (Style B) or five (5)
Class "A" (Style D) initiating circuits. Mounts in main
cabinet or in FC-2190 Accessory Cabinet.
STATUS DISPLAY MODULE (FC-5280)
The FC-5280 Status Display Module provides out-
puts and control functions for remote annunciation of
alarm, trouble, and supervisory indications for each
zone. The system can supervise up to eight (8) mod-
ules. The FC-5280 has ten (10) outputs for alarm and
ten (10) for trouble annunciation. These outputs are
“active low” (become negative when activated). Each
output can provide up to 0.100 amp current, with a
total of 0.700 amp available. The module has four (4),
Form "C" relays that can be wired to operate with any
of the outputs. The FC-5280 can be used to interface
with an LED annunciator. It can be programmed to
indicate alarm and trouble status for Zones 1 - 10, 11
- 20, or system status outputs. The FC-5280 mounts
inside the FC73 cabinet.
RING
TIP
61
60
T1
RING
TIP
RING
TIP
RING
TIP
59
58
P1
57
56
55
54
T2
P2
FIRE CONTROL
INSTRUMENTS
®
FIRE ALARM CONTROL
MODEL FC-73
ALARM
SUPERVISORY
TROUBLE
SILENCED
POWER
ACK
SILENCE
RESET
DRILL
TEST
RESET
ACK
ENTER
1
2
3
4
5
6
7
8
9
0
*
#
SILENCE
ALARM
SUPERVISORY
TROUBLE
SILENCED
AC
FIRE ALARM ANNUNCIATOR
MODEL LCD-FC73
12
3
4
Z1
A+
B–
C–
D+
567
8
Z3
A+
B–
C–
D+
910
11
12
Z3
A+
B–
C–
D+
13
14
15
16
Z4
A+
B–
C–
D+
17
18
19
20
Z5
A+
B–
C–
D+
+
A
B
SBUS
ON
1
234
C1 C2 A1 A2 A3 A4 A5 A6 A7 A8 A9
T1
A10
T2T4
T3T5T7
T6T8
T10
T9C3 C4
NO
NO
3C
1C
NC
NC
NO
NO
4C
2C
NC
NC
.
the
the
the
the
the BASIC FC-73 ASSEMBLY


Numéro de pièce similaire - FC-2190

FabricantNo de pièceFiches techniqueDescription
logo
PREMO CORPORATION S.L
FC-210 PREMO-FC-210 Datasheet
138Kb / 1P
   Screened Room Filters
logo
Gamewell-FCI by Honeywe...
FC-2104 GAMEWELL-FCI-FC-2104 Datasheet
429Kb / 2P
   TWO-ZONE PANEL
FC-2104 GAMEWELL-FCI-FC-2104 Datasheet
431Kb / 2P
   FOUR-ZONE PANEL
FC-2104 GAMEWELL-FCI-FC-2104 Datasheet
416Kb / 2P
   SIX ZONE PANEL
logo
Bel Fuse Inc.
FC-211 BEL-FC-211 Datasheet
47Kb / 1P
   Fuse Clips
More results

Description similaire - FC-2190

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MS9200 ETC1-MS9200 Datasheet
446Kb / 4P
   Addressable Fire Alarm Control Panel
logo
Gamewell-FCI by Honeywe...
F402 GAMEWELL-FCI-F402 Datasheet
73Kb / 2P
   Two-Zone Fire Alarm Control Panel
SLP-BLK GAMEWELL-FCI-SLP-BLK Datasheet
142Kb / 4P
   Small Addressable Fire Alarm Control Panel
F404 GAMEWELL-FCI-F404 Datasheet
80Kb / 2P
   Four-Zone Fire Alarm Control Panel
LCD-7100 GAMEWELL-FCI-LCD-7100 Datasheet
243Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
7100-1-PNL GAMEWELL-FCI-7100-1-PNL Datasheet
269Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
FLEX4 GAMEWELL-FCI-FLEX4 Datasheet
147Kb / 4P
   Conventional Fire Alarm Control Panels
logo
D+H Mechatronic AG
BAZ04 DH-BAZ04 Datasheet
363Kb / 2P
   Fire door control panel
BAZ04-N-UT DH-BAZ04-N-UT Datasheet
401Kb / 2P
   Fire door control panel
logo
List of Unclassifed Man...
FLEX405 ETC2-FLEX405 Datasheet
362Kb / 4P
   Fire Alarm Control Panel with built-in DACT and remote-site upload/download capability
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com