Moteur de recherche de fiches techniques de composants électroniques |
|
700-01203 Fiches technique(PDF) 1 Page - Gamewell-FCI by Honeywell |
|
700-01203 Fiches technique(HTML) 1 Page - Gamewell-FCI by Honeywell |
1 / 2 page FC-10C TEN ZONE PANEL Conventional Fire Alarm Control Features • Inherently power-limited. • Integral digital communicator. • Fifteen (15) selectable transmission formats. • Up to 100 transmitted events/messages. • Fire Drill Function. • Integral voltmeter. • Fully programmable via integral keypad. • Auto-reset supervisory operation. • Temporal pattern output per ANSI S3.41. • Single person walk test with 256 event walk test memory. • Alarm verification. • Real-time clock/calendar. • 256-Event History with time and date stamp, stored in permanent memory. • Zone disable feature via software. • Two (2) fully programmable Form “A” relay contact output. • Programmable trouble reminder. • Surface mount technology. • Ground start module (optional). • Contact-by-Zone module (optional). • Serial annunciator output (optional). • Printer interface for on or off-line printing (optional) GAMEWELL-FCI 12 Clintonville Road, Northford, CT 06472 - Tel: 203-484-7161 - Fax: 203-484-7118 Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use. © 2006 Gamewell-FCI. All rights reserved. www.gamewell-fci.com 9020-0459 Rev. G page 1 of 2 Description The FC-10C Fire Alarm Control panel is a proven, versa- tile, ten-zone modular control with integral communicator and remote-site upload/download capability. It meets the requirements of NFPA Standard 72 for Central Station, Protected Premises, and Remote (DACT) Supervising Station Fire Alarm Systems. It is Listed to UL Standard 864, inherently power limited and meets all UL transient immunity requirements. The integral communicator includes a wide range of se- lectable transmission formats to communicate to virtually all central stations. Other features of the communicator are: A line-active indicator for each of two phone lines, “Kiss-Off” signal LED, dual “low telephone voltage detect” circuitry, programmable event codes per format and se- lectable/deselectable transmission of up to 100 events. Multiple security techniques allow uploading or download- ing within one minute without affecting normal fire panel functions. Key system information that can be uploaded are: Current System Status, History, Walk Test Files and System Programming. An integral voltmeter allows voltage measurements for Zone, AC line, NAC1, NAC2, resettable power and bat- tery. Housed in a red steel enclosure, the surface mounted unit, (trim ring optional) provides space for two (2) B-7R batteries. The many features of the FC-10C control provide a cost effective approach to systems design, and allow a great degree of flexibility in one enclosure. Many of these fea- tures include two (2) notification appliance circuits (expandable to four) with output expandable from 3.0 to 6.0 amps total. Class A operation is possible with optional modules. Fully programmable via integral keypad, the notification appliance circuits may be programmed Si- lenceable, Non-silenceable, Auto-silence (program 5 to 30 minutes) and Silence Inhibit (60 seconds). Initiating zones may be programmed for process monitor- ing via latching or non-latching contact closure and can be used to monitor high-low temperature, loss of air flow, water level, gas detection, open/close, refrigeration and non-fire related tamper functions. Also programmable are Alarm Presignal Timer, Alarm Verification Timer and Optional Trouble Reminder. FC-10C An ISO 9000-2000 Company |
Numéro de pièce similaire - 700-01203 |
|
Description similaire - 700-01203 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |