Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM236D-2-5 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM236D-2-5
Description  2.5-V INTEGRATED REFERENCE CIRCUITS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM236D-2-5 Fiches technique(HTML) 1 Page - Texas Instruments

  LM236D-2-5 Datasheet HTML 1Page - Texas Instruments LM236D-2-5 Datasheet HTML 2Page - Texas Instruments LM236D-2-5 Datasheet HTML 3Page - Texas Instruments LM236D-2-5 Datasheet HTML 4Page - Texas Instruments LM236D-2-5 Datasheet HTML 5Page - Texas Instruments LM236D-2-5 Datasheet HTML 6Page - Texas Instruments LM236D-2-5 Datasheet HTML 7Page - Texas Instruments LM236D-2-5 Datasheet HTML 8Page - Texas Instruments LM236D-2-5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM2362.5, LM3362.5, LM336B2.5
2.5V INTEGRATED REFERENCE CIRCUITS
SLVS063E − NOVEMBER 1988 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low Temperature Coefficient
D Wide Operating Current . . . 400 µA
to 10 mA
D 0.27-Ω Dynamic Impedance
D ±1% Tolerance Available
D Specified Temperature Stability
D Easily Trimmed for Minimum Temperature
Drift
D Fast Turnon
description/ordering information
The LM236-2.5, LM336-2.5, and LM336B-2.5
integrated circuits are precision 2.5-V shunt
regulator diodes. These
reference circuits
operate as low-temperature-coefficient 2.5-V
Zener diodes with a 0.2-
Ω dynamic impedance. A
third terminal provided on the circuit allows the
reference voltage and temperature coefficient to
be trimmed easily.
The series is useful as precision 2.5-V low-voltage references (VZ) for digital voltmeters, power supplies, or
operational-amplifier circuitry. The 2.5-V voltage reference makes it convenient to obtain a stable reference from
5-V logic supplies. Devices in this series operate as shunt regulators, and can be used as either positive or
negative voltage references.
The LM236-2.5 is characterized for operation from −25
°C to 85°C. The LM336-2.5 and LM336B-2.5 are
characterized for operation from 0
°C to 70°C.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
Tube of 75
LM336D-2-5
336-25
SOIC (D)
Reel of 2500
LM336DR-2-5
336-25
SOIC (D)
Tube of 75
LM336BD-2-5
336B25
0
°C to 70°C
Reel of 2500
LM336BDR−2-5
336B25
0
°C to 70°C
Bulk of 1000
LM336LP-2-5
336-25
TO-226 / TO-92 (LP)
Reel of 2000
LM336LPR-2-5
336-25
TO-226 / TO-92 (LP)
Bulk of 1000
LM336BLP-2-5
336B25
Reel of 2000
LM336BLPR-2-5
336B25
−25
°C to 85°C
SOIC (D)
Tube of 75
LM236D-2-5
236-25
−25
°C to 85°C
SOIC (D)
Reel of 2500
LM236DR-2-5
236-25
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
NC
NC
NC
ANODE
CATHODE
NC
NC
ADJ
D PACKAGE
(TOP VIEW)
LM336-2.5, LM336B-2.5 . . . LP PACKAGE
(TOP VIEW)
NC − No internal connection
ANODE
CATHODE
ADJ
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Numéro de pièce similaire - LM236D-2-5

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM236D-2-5 TI-LM236D-2-5 Datasheet
219Kb / 11P
[Old version datasheet]   2.5V INTEGRATED REFERENCE CIRCUITS
LM236D-2-5 TI1-LM236D-2-5 Datasheet
449Kb / 15P
[Old version datasheet]   2.5V INTERGRATED REFERENCE CIRCUITS
LM236D-2-5 TI1-LM236D-2-5 Datasheet
565Kb / 16P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
More results

Description similaire - LM236D-2-5

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM236-2.5 TI1-LM236-2.5_17 Datasheet
565Kb / 16P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
LM236-2.5 TI-LM236-2.5_15 Datasheet
433Kb / 14P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
LT1009 TI-LT1009_06 Datasheet
328Kb / 17P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009 TI-LT1009_15 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI1-LT1009M Datasheet
158Kb / 10P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009 TI1-LT1009 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI-LT1009M_15 Datasheet
128Kb / 11P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
logo
List of Unclassifed Man...
AS535 ETC1-AS535 Datasheet
27Kb / 3P
   2.5 V Precision Reference / Amplifier
logo
Texas Instruments
LM236-2.5 TI-LM236-2.5 Datasheet
219Kb / 11P
[Old version datasheet]   2.5V INTEGRATED REFERENCE CIRCUITS
logo
Analog Devices
AD780 AD-AD780 Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com