Moteur de recherche de fiches techniques de composants électroniques |
|
74FCT163H501CPACT Fiches technique(PDF) 6 Page - Texas Instruments |
|
74FCT163H501CPACT Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 9 page CY74FCT163501 CY74FCT163H501 6 Switching Characteristics Over the Operating Range VCC=3.0V to 3.6V [18] CY74FCT163501C CY74FCT163H501C Fig.No.[19] Parameter Description Min. Max. Unit fMAX CLKAB or CLKBA frequency[9] — 150 MHz — tPLH tPHL Propagation Delay A to B or B to A 1.5 4.6 ns 1,3 tPLH tPHL Propagation Delay LEBA to A, LEAB to B 1.5 5.3 ns 1,5 tPLH tPHL Propagation Delay CLKBA to A, CLKAB to B 1.5 5.3 ns 1,5 tPZH tPZL Output Enable Time OEBA to A, OEAB to B 1.5 5.6 ns 1,7,8 tPHZ tPLZ Output Disable Time OEBA to A, OEAB to B 1.5 5.2 ns 1,7,8 tSU Set-Up Time, HIGH or LOW A to CLKAB, B to CLKBA 3.0 — ns 4 tH Hold Time HIGH or LOW A to CLKAB, B to CLKBA 0 — ns 4 tSU Set-Up Time, HIGH or LOW A to LEAB, B to LEBA Clock LOW 3.0 — ns 4 Clock HIGH 1.5 — ns 4 tH Hold Time, HIGH or LOW, A to LEAB, B to LEBA 1.5 — ns 4 tW LEAB or LEBA Pulse Width HIGH[9] 3.0 — ns 5 tW CLKAB or CLKBA Pulse Width HIGH or LOW[9] 3.0 — ns 5 tSK(O) Output Skew[20] — 0.5 ns — Notes: 18. Minimum limits are specified, but not tested, on propagation delays. 19. See “Parameter Measurement Information” in the General Information section. 20. Skew between any two outputs of the same package switching in the same direction. This parameter ensured by design. |
Numéro de pièce similaire - 74FCT163H501CPACT |
|
Description similaire - 74FCT163H501CPACT |