Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDC586PAH Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce CDC586PAH
Description  3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CDC586PAH Fiches technique(HTML) 11 Page - Texas Instruments

Back Button CDC586PAH Datasheet HTML 4Page - Texas Instruments CDC586PAH Datasheet HTML 5Page - Texas Instruments CDC586PAH Datasheet HTML 6Page - Texas Instruments CDC586PAH Datasheet HTML 7Page - Texas Instruments CDC586PAH Datasheet HTML 8Page - Texas Instruments CDC586PAH Datasheet HTML 9Page - Texas Instruments CDC586PAH Datasheet HTML 10Page - Texas Instruments CDC586PAH Datasheet HTML 11Page - Texas Instruments CDC586PAH Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CDC586
3.3-V PHASE-LOCK-LOOP CLOCK DRIVER
WITH 3-STATE OUTPUTS
SCAS336D – FEBRUARY 1993 – REVISED OCTOBER 1998
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MECHANICAL DATA
PAH (S-PQFP-G52)
PLASTIC QUAD FLATPACK
0,13 NOM
0,25
0,45
0,75
0,05 MIN
Seating Plane
4040281 / C 11/96
Gage Plane
27
0,22
0,38
13
39
1
7,80 TYP
40
52
SQ
9,80
1,05
0,95
11,80
12,20
1,20 MAX
10,20
SQ
26
14
0,10
0,65
M
0,13
0
°–7°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-026


Numéro de pièce similaire - CDC586PAH

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDC586PAH TI1-CDC586PAH Datasheet
305Kb / 14P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER
CDC586PAHG4 TI1-CDC586PAHG4 Datasheet
305Kb / 14P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER
CDC586PAHR TI1-CDC586PAHR Datasheet
305Kb / 14P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER
CDC586PAHRG4 TI1-CDC586PAHRG4 Datasheet
305Kb / 14P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER
More results

Description similaire - CDC586PAH

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDC536 TI-CDC536 Datasheet
170Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2536 TI-CDC2536 Datasheet
143Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2586 TI-CDC2586 Datasheet
165Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC536DBG4 TI1-CDC536DBG4 Datasheet
295Kb / 14P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
SN54CDC586 TI1-SN54CDC586_07 Datasheet
152Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUPUTS
SN54CDC586 TI-SN54CDC586 Datasheet
150Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUPUTS
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com