Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDC2586PAH Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce CDC2586PAH
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CDC2586PAH Fiches technique(HTML) 5 Page - Texas Instruments

  CDC2586PAH Datasheet HTML 1Page - Texas Instruments CDC2586PAH Datasheet HTML 2Page - Texas Instruments CDC2586PAH Datasheet HTML 3Page - Texas Instruments CDC2586PAH Datasheet HTML 4Page - Texas Instruments CDC2586PAH Datasheet HTML 5Page - Texas Instruments CDC2586PAH Datasheet HTML 6Page - Texas Instruments CDC2586PAH Datasheet HTML 7Page - Texas Instruments CDC2586PAH Datasheet HTML 8Page - Texas Instruments CDC2586PAH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CDC2586
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
WITH 3-STATE OUTPUTS
SCAS337C – FEBRUARY 1993 – REVISED OCTOBER 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CLKIN
45
I
Clock input. CLKIN is the clock signal to be distributed by the CDC2586 clock-driver circuit. CLKIN provides
the reference signal to the integrated PLL that generates the clock output signals. CLKIN must have a fixed
frequency and fixed phase for the PLL to obtain phase lock. Once the circuit is powered up and a valid CLKIN
signal is applied, a stabilization time is required for the PLL to phase lock the feedback signal to its reference
signal.
CLR
40
I
CLR is used for testing purposes only.
FBIN
48
I
Feedback input. FBIN provides the feedback signal to the internal PLL. FBIN must be hardwired to one of
the twelve clock outputs to provide frequency and phase lock. The internal PLL adjusts the output clocks
to obtain zero phase delay between FBIN and CLKIN.
OE
42
I
Output enable. OE is the output enable for all outputs. When OE is low, all outputs are enabled. When OE
is high, all outputs are in the high-impedance state. Since the feedback signal for the PLL is taken directly
from an output, placing the outputs in the high-impedance state interrupts the feedback loop; therefore,
when a high-to-low transition occurs at OE, enabling the output buffers, a stabilization time is required before
the PLL obtains phase lock.
SEL1, SEL0
51, 50
I
Output configuration select. SEL0 and SEL1 select the output configuration for each output bank (e.g., 1/2
×,
1
×, or 2×) (see Tables 1 and 2).
TEST
41
I
TEST is used to bypass the PLL circuitry for factory testing of the device. When TEST is low, all outputs
operate using the PLL circuitry. When TEST is high, the outputs are placed in a test mode that bypasses
the PLL circuitry. TEST should be strapped to GND for normal operation.
1Y1 – 1Y3
2Y1 – 2Y3
3Y1 – 3Y3
2, 5, 8
12, 15, 18
22, 25, 28
O
Output ports. These outputs are configured by the select inputs (SEL1, SEL0) to transmit one-half or
one-fourth the frequency of the VCO. The relationship between the CLKIN frequency and the output
frequency is dependent on the select inputs and the frequency of the output being fed back to FBIN
(see Tables 1 and 2). The duty cycle of the Y output signals is nominally 50%, independent of the duty cycle
of CLKIN. Each output has an internal series resistor to dampen transmission-line effects and improve the
signal integrity at the load.
4Y1 – 4Y3
32, 35, 38
O
Output ports. 4Y1 – 4Y3 transmit one-half the frequency of the VCO regardless of the state of the select
inputs. The relationship between the CLKIN frequency and the output frequency is dependent on the
frequency of the output being fed back to FBIN (see Tables 1 and 2). The duty cycle of the Y output signals
is nominally 50%, independent of the duty cycle of CLKIN. Each output has an internal series resistor to
dampen transmission-line effects and improve the signal integrity at the load.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
– 0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high state or power-off state, VO (see Note 1)
– 0.5 V to 5.5 V
. . .
Current into any output in the low state, IO
24 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
– 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0)
– 50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum power dissipation at TA = 55°C (in still air) (see Note 2)
1.2 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The maximum package power dissipation is calculated using a junction temperature of 150
°C and a board trace length of 75 mils.
For more information, refer to the
Package Thermal Considerations application note in the ABT Advanced BiCMOS Technology Data
Book, literature number SCBD002.


Numéro de pièce similaire - CDC2586PAH

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDC2586PAH TI1-CDC2586PAH Datasheet
307Kb / 14P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2586PAHG4 TI1-CDC2586PAHG4 Datasheet
307Kb / 14P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2586PAHR TI1-CDC2586PAHR Datasheet
307Kb / 14P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2586PAHRG4 TI1-CDC2586PAHRG4 Datasheet
307Kb / 14P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results

Description similaire - CDC2586PAH

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDC536 TI-CDC536 Datasheet
170Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2536 TI-CDC2536 Datasheet
143Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC586 TI-CDC586 Datasheet
166Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC536DBG4 TI1-CDC536DBG4 Datasheet
295Kb / 14P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
SN54CDC586 TI1-SN54CDC586_07 Datasheet
152Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUPUTS
SN54CDC586 TI-SN54CDC586 Datasheet
150Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUPUTS
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com