Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDC2516 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce CDC2516
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CDC2516 Fiches technique(HTML) 5 Page - Texas Instruments

  CDC2516 Datasheet HTML 1Page - Texas Instruments CDC2516 Datasheet HTML 2Page - Texas Instruments CDC2516 Datasheet HTML 3Page - Texas Instruments CDC2516 Datasheet HTML 4Page - Texas Instruments CDC2516 Datasheet HTML 5Page - Texas Instruments CDC2516 Datasheet HTML 6Page - Texas Instruments CDC2516 Datasheet HTML 7Page - Texas Instruments CDC2516 Datasheet HTML 8Page - Texas Instruments CDC2516 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CDC2516
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS579A – OCTOBER 1996 – REVISED JANUARY 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high
or low state, VO (see Notes 1 and 2)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through each VCC or GND
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum power dissipation at TA = 55°C (in still air) (see Note 3)
0.85 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. This value is limited to 4.6 V maximum.
3. The maximum package power dissipation is calculated using a junction temperature of 150
°C and a board trace length of 750 mils.
For more information, refer to the
Package Thermal Considerations application note in the ABT Advanced BiCMOS Technology Data
Book, literature number SCBD002.
recommended operating conditions (see Note 4)
MIN
MAX
UNIT
VCC
Supply voltage
3
3.6
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
VCC
V
IOH
High-level output current
–12
mA
IOL
Low-level output current
12
mA
TA
Operating free-air temperature
0
70
°C
NOTE 4: Unused inputs must be held high or low to prevent them from floating.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP‡
MAX
UNIT
VIK
II = –18 mA
3 V
–1.2
V
IOH = –100 µA
MIN to MAX
VCC – 0.2
VOH
IOH = –12 mA
3 V
2.4
V
IOH = – 6 mA
3 V
2.1
IOL = 100 µA
MIN to MAX
0.2
VOL
IOL = 12 mA
3 V
0.8
V
IOL = 6 mA
3 V
0.55
II
VI = VCC or GND
3.6 V
±5
µA
ICC§
VI = VCC or GND
IO = 0, Outputs: low or high
3.6 V
20
µA
∆ICC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
3.3 V to 3.6 V
500
µA
Ci
VI = VCC or GND
3.3 V
4
pF
Co
VO = VCC or GND
3.3 V
6
pF
‡ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
§ For ICC of AVCC, see Figure 5. For dynamic digital ICC, see Figure 6.


Numéro de pièce similaire - CDC2516

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDC2516 TI1-CDC2516 Datasheet
479Kb / 15P
[Old version datasheet]   3.3V Phase- Lock Loop Clock Driver
CDC2516DGGR TI1-CDC2516DGGR Datasheet
479Kb / 15P
[Old version datasheet]   3.3V Phase- Lock Loop Clock Driver
CDC2516DGGRG4 TI1-CDC2516DGGRG4 Datasheet
479Kb / 15P
[Old version datasheet]   3.3V Phase- Lock Loop Clock Driver
CDC2516 TI1-CDC2516_08 Datasheet
479Kb / 15P
[Old version datasheet]   3.3V Phase- Lock Loop Clock Driver
More results

Description similaire - CDC2516

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2509B HITACHI-HD74CDC2509B Datasheet
42Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDC2509B TI-CDC2509B Datasheet
147Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com