Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC1505 Fiches technique(PDF) 1 Page - Savantic, Inc.

No de pièce 2SC1505
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAVANTIC [Savantic, Inc.]
Site Internet  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC1505 Fiches technique(HTML) 1 Page - Savantic, Inc.

  2SC1505 Datasheet HTML 1Page - Savantic, Inc. 2SC1505 Datasheet HTML 2Page - Savantic, Inc. 2SC1505 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1505
DESCRIPTION
·With TO-220 package
·High collector-emitter voltage
: VCEO=300V
·High frequency:fT=40MHz(Min)
APPLICATIONS
·For use in line-operated color TV chroma
output circuits and sound output circuits.
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Absolute maximum ratings (Ta=25 )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
300
V
VCEO
Collector-emitter voltage
Open base
300
V
VEBO
Emitter-base voltage
Open collector
7
V
IC
Collector current
0.2
A
Ta=25
1.2
PT
Collector power dissipation
TC=25
15
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150
Fig.1 simplified outline (TO-220) and symbol


Numéro de pièce similaire - 2SC1505

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SC1505 NEC-2SC1505 Datasheet
52Kb / 8P
   Silicon Power Transistor
logo
Quanzhou Jinmei Electro...
2SC1505 JMNIC-2SC1505 Datasheet
160Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC1505 ISC-2SC1505 Datasheet
136Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC1505 SAVANTIC-2SC1505 Datasheet
95Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC1505 JMNIC-2SC1505_15 Datasheet
160Kb / 3P
   Silicon NPN Power Transistors
More results

Description similaire - 2SC1505

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com