Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


CD74HC597 Datasheet(Fiches technique) 6 Page - Texas Instruments

Click here to check the latest version.
Numéro de pièce CD74HC597
Description  High Speed CMOS Logic 8-Bit Shift Register with Input Storage
Télécharger  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo 

 
 6 page
background image
6
DS to SHCP Setup Time
Dn to STCP Setup Time
tH
4.5
10
-
-
13
-
-
15
-
-
ns
STCP to SHCP Hold Time
tH
4.5
0
-
-
0
-
-
0
-
-
ns
DS to SHCP Hold Time
Dn to STCP Hold Time
tH
4.5
3
-
-
3
-
-
3
-
-
ns
MR to SHCP Removal
Time
tREM
4.5
10
-
-
13
-
-
15
-
-
ns
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oCto85oC -55oC to 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay
tPLH, tPHL
CL = 50pF
2
-
-
175
-
220
-
265
ns
SHCP to Q7
4.5
-
-
35
-
44
-
53
ns
CL =15pF
5
-
14
-
-
-
-
-
ns
CL = 50pF
6
-
-
30
-
37
-
45
ns
PL to Q7
tPLH, tPHL
CL = 50pF
2
-
-
200
-
250
-
300
ns
4.5
-
-
40
-
50
-
60
ns
CL =15pF
5
-
17
-
-
-
-
-
ns
CL = 50pF
6
-
-
34
-
43
-
51
ns
STCP to Q7
tPLH, tPHL
CL = 50pF
2
-
-
240
-
300
-
360
ns
4.5
-
-
48
-
60
-
72
ns
CL =15pF
5
-
20
-
-
-
-
-
ns
CL = 50pF
6
-
-
41
-
51
-
61
ns
MR to Q7
tPLH, tPHL
CL = 50pF
2
-
-
175
-
220
-
265
ns
4.5
-
-
35
-
44
-
53
ns
CL =15pF
5
-
14
-
-
-
-
-
ns
CL = 50pF
6
-
-
30
-
37
-
45
ns
Output Transition Time
tTLH, tTHL
CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Input Capacitance
CI
CL = 50pF
-
-
-
10
-
10
-
10
pF
Power Dissipation
Capacitance, (Notes 4, 5)
CPD
-
5
-
13.5
-
-
-
-
-
pF
HCT
Propagation Delay
tPLH, tPHL
SHCP to Q7
CL = 50pF
4.5
-
-
38
-
48
-
57
ns
CL = 15pF
5
-
16
-
-
-
-
-
ns
PL to Q7
tPLH, tPHL
CL = 50pF
4.5
-
-
48
60
72
ns
CL = 15pF
5
-
20
-
-
-
-
-
ns
STCP to Q7
tPLH, tPHL
CL = 50pF
4.5
-
-
56
70
84
ns
CL = 15pF
5
-
23
-
-
-
-
-
ns
Prerequisite for Switching Specifications (Continued)
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
CD74HC597, CD74HCT597




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
CD54HC597High-Speed CMOS Logic 8-Bit Shift Register with Input Storage 1 2 3 4 5 MoreTexas Instruments
CD74HC164High Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register 1 2 3 4 5 MoreTexas Instruments
CD74HC165High Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register 1 2 3 4 5 MoreTexas Instruments
CD74HC166High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register 1 2 3 4 5 MoreTexas Instruments
CD74HC299High Speed CMOS Logic 8-Bit Universal Shift Register; Three-State 1 2 3 4 5 MoreTexas Instruments
CD54HC4015High Speed CMOS Logic Dual 4-Stage Static Shift Register 1 2 3 4 5 Texas Instruments
74F5978-bit shift register with input storage registers 1 2 3 4 5 MoreNXP Semiconductors
CD74HC4094High Speed CMOS Logic 8-Stage Shift and Store Bus Register Three-State 1 2 3 4 5 MoreTexas Instruments
74F5988-bit shift register with input storage registers 3-State 1 2 3 4 5 MoreNXP Semiconductors
CD74HC4015High Speed CMOS Logic Dual 4-Stage Static Shift Register 1 2 3 4 5 MoreTexas Instruments

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl