Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1445 Fiches technique(PDF) 1 Page - Savantic, Inc.

No de pièce 2SD1445
Description  Silicon NPN Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAVANTIC [Savantic, Inc.]
Site Internet  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SD1445 Fiches technique(HTML) 1 Page - Savantic, Inc.

  2SD1445 Datasheet HTML 1Page - Savantic, Inc. 2SD1445 Datasheet HTML 2Page - Savantic, Inc. 2SD1445 Datasheet HTML 3Page - Savantic, Inc. 2SD1445 Datasheet HTML 4Page - Savantic, Inc. 2SD1445 Datasheet HTML 5Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SavantIC Semiconductor
Product Specification
1
Silicon NPN Power Transistors
2SD1445 2SD1445A
DESCRIPTION
·With TO-220Fa package
·Complement to type 2SB948/948A
·High speed switching
·Low collector saturation voltage
APPLICATIONS
·For power amplification,power switching
and low-voltage switching applications
PINNING
PIN
DESCRIPTION
1
Base
2
Collector
3
Emitter
Absolute maximum ratings(Ta=25 )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
2SD1445
40
VCBO
Collector-base voltage
2SD1445A
Open emitter
50
V
2SD1445
20
VCEO
Collector-emitter voltage
2SD1445A
Open base
40
V
VEBO
Emitter-base voltage
Open collector
5
V
IC
Collector current
10
A
ICM
Collector current-peak
20
A
Ta=25
2
PC
Collector power dissipation
TC=25
40
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150


Numéro de pièce similaire - 2SD1445

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SD1445 PANASONIC-2SD1445 Datasheet
56Kb / 3P
   Silicon PNP epitaxial planar type
logo
Inchange Semiconductor ...
2SD1445 ISC-2SD1445 Datasheet
180Kb / 5P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1445 SAVANTIC-2SD1445 Datasheet
160Kb / 5P
   Silicon NPN Power Transistors
logo
Panasonic Semiconductor
2SD1445A PANASONIC-2SD1445A Datasheet
56Kb / 3P
   Silicon PNP epitaxial planar type
logo
Inchange Semiconductor ...
2SD1445A ISC-2SD1445A Datasheet
180Kb / 5P
   Silicon NPN Power Transistors
More results

Description similaire - 2SD1445

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com