Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


CD74HC4015 Datasheet(Fiches technique) 1 Page - Texas Instruments

Click here to check the latest version.
Numéro de pièce CD74HC4015
Description  High Speed CMOS Logic Dual 4-Stage Static Shift Register
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo 

   
 1 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS198
Features
• Maximum Frequency, Typically 60MHz
CL = 15pF, VCC = 5V, TA = 25
oC
• Positive-Edge Clocking
• Overriding Reset
• Buffered Inputs and Outputs
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
Description
The
Harris
CD74HC4015
consists
of
two
identical,
independent, 4-stage serial-input/parallel-output registers.
Each register has independent Clock (CP) and Reset (MR)
inputs as well as a single serial Data input. “Q” outputs are
available from each of the four stages on both registers. All
register stages are D-type, master-slave flip-flops. The logic
level present at the Data input is transferred into the first
register stage and shifted over one stage at each positive-
going
clock
transition.
Resetting
of
all
stages
is
accomplished by a high level on the reset line.
The device can drive up to 10 low power Schottky equivalent
loads. The CD74HC4015 is an enhanced version of
equivalent CMOS types.
Pinout
CD74HC4015
(PDIP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE (oC)
PACKAGE
PKG.
NO.
CD74HC4015E
-55 to 125
20 Ld PDIP
E16.3
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Wafer or die for this part number is available which meets all elec-
trical specifications. Please contact your local sales office or
Harris customer service for ordering information.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
2CP
2Q3
1Q2
1Q1
1Q0
1MR
GND
1D
VCC
2MR
2Q0
2Q1
2Q2
1Q3
1CP
2D
November 1997
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1997
File Number
1678.1
CD74HC4015
High Speed CMOS Logic
Dual 4-Stage Static Shift Register
[ /Title
(CD74
HC401
5)
/Sub-
ject
(High
Speed
CMOS
Logic
Dual
4-




Html Pages

1  2  3  4  5  6 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
CD54HC4015High Speed CMOS Logic Dual 4-Stage Static Shift Register 1 2 3 4 5 Texas Instruments
CD74HC4094High Speed CMOS Logic 8-Stage Shift and Store Bus Register Three-State 1 2 3 4 5 MoreTexas Instruments
IW4015BDual 4-Stage Static Shift Register High-Voltage Silicon-Gate CMOS 1 2 3 4 5 Integral Corp.
CD4015BCMOS Dual 4-Stage Static Shift Register 1 2 3 4 5 MoreTexas Instruments
CD74HC164High Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register 1 2 3 4 5 MoreTexas Instruments
CD74HC165High Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register 1 2 3 4 5 MoreTexas Instruments
CD74HC166High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register 1 2 3 4 5 MoreTexas Instruments
CD74HC597High Speed CMOS Logic 8-Bit Shift Register with Input Storage 1 2 3 4 5 MoreTexas Instruments
CD4015BMSCMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output 1 2 3 4 5 MoreIntersil Corporation

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl