Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MHE2812S Fiches technique(PDF) 4 Page - Crane Aerospace & Electronics.

No de pièce MHE2812S
Description  DC/DC CONVERTERS 12 AND 28 VOLT INPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CRANE [Crane Aerospace & Electronics.]
Site Internet  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHE2812S Fiches technique(HTML) 4 Page - Crane Aerospace & Electronics.

  MHE2812S Datasheet HTML 1Page - Crane Aerospace & Electronics. MHE2812S Datasheet HTML 2Page - Crane Aerospace & Electronics. MHE2812S Datasheet HTML 3Page - Crane Aerospace & Electronics. MHE2812S Datasheet HTML 4Page - Crane Aerospace & Electronics. MHE2812S Datasheet HTML 5Page - Crane Aerospace & Electronics. MHE2812S Datasheet HTML 6Page - Crane Aerospace & Electronics. MHE2812S Datasheet HTML 7Page - Crane Aerospace & Electronics. MHE2812S Datasheet HTML 8Page - Crane Aerospace & Electronics. MHE2812S Datasheet HTML 9Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
OUTPUT ADJUSTMENT RESISTOR VALUES
FOR MHE2805S AND MLP2805S
4
MHE SERIES
20 WATT
DC/DC CONVERTERS
MODEL NUMBERING KEY
MHE
28 12 S
F / ES
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
Case Option
(Non-flanged case has no designator in
this position)
(S = single, D = dual)
(Standard screening has no designator
in this position.)
PIN OUT
Pin
Single Output
Dual Output
1
Positive Input
Positive Input
2
Inhibit
Inhibit
3
Output Adjust
Positive Output
4
Output Common
Output Common
5
Positive Output
Negative Output
6
No connection
No connection
7
No connection
No connection
8
Case Ground
Case Ground
9
No connection
No connection
10
Input Common
Input Common
BOTTOM VIEW
MHE
Squared corner and dot on
top of cover indicate pin one.
Dotted line outlines flanged package option.
12
6
10
345
7
8
9
See Section B8, case H6 and K7 for dimensions.
Output Adjustment all single output models:
The output can be adjusted upward by using the output
adjust (pin3). The resistance between output adjust (pin 3)
and output common (pin 4) will determine the magnitude of
the increase in the output. The table above is applicable
only to MHE2805S.
Resistance
Output Voltage
Pin 3 to 4
Increase (%)
0
390K
+1%
145K
+2%
63K
+3%
22K
+4%
0
+5%
FIGURE 1: PIN OUT
MHE Series Rev D 20060630
All technical information is believed to be accurate, but no responsibility is assumed for
errors or omissions. Interpoint reserves the right to make changes in products or spec-
ifications without notice. MHE Series is a trademark of Interpoint Corporation.
Copyright © 1995 - 2006 Interpoint Corporation. All rights reserved.


Numéro de pièce similaire - MHE2812S

FabricantNo de pièceFiches techniqueDescription
logo
Interpoint Corporation ...
MHE2812SF/ES INTERPOINT-MHE2812SF/ES Datasheet
174Kb / 11P
   DC/DC CONVERTERS 12 AND 28 VOLT INPUT
More results

Description similaire - MHE2812S

FabricantNo de pièceFiches techniqueDescription
logo
Interpoint Corporation ...
MHE1205S INTERPOINT-MHE1205S Datasheet
174Kb / 11P
   DC/DC CONVERTERS 12 AND 28 VOLT INPUT
HR151-1205 INTERPOINT-HR151-1205 Datasheet
118Kb / 9P
   DC/DC CONVERTERS 12 & 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR151-2812 CRANE-HR151-2812 Datasheet
410Kb / 7P
   DC/DC Converters 12 & 28 Volt Input
logo
Interpoint Corporation ...
MTO1212T INTERPOINT-MTO1212T Datasheet
123Kb / 9P
   DC/DC CONVERTERS 12 & 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MTO1212T CRANE-MTO1212T Datasheet
180Kb / 9P
   DC/DC CONVERTERS 12 & 28 VOLT INPUT
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com