Moteur de recherche de fiches techniques de composants électroniques |
|
CD74HC241 Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
CD74HC241 Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 8 page 2 Description The Harris CD74HC240 and CD74HCT240 are inverting three-state buffers having two active-low output enables. The Harris CD74HC241, CD74HCT241, CD74HC244 and CD74HCT244 are non-inverting three-state buffers that differ only in that the 241 has one active-high and one active-low output enable, and the 244 has two active-low output enables. All three types have identical pinouts. Functional Diagram Ordering Information PART NUMBER TEMP. RANGE (oC) PACKAGE PKG. NO. CD74HC240E -55 to 125 20 Ld PDIP E20.3 CD74HCT240E -55 to 125 20 Ld PDIP E20.3 CD74HC241E -55 to 125 20 Ld PDIP E20.3 CD74HCT241E -55 to 125 20 Ld PDIP E20.3 CD74HC244E -55 to 125 20 Ld PDIP E20.3 CD74HCT244E -55 to 125 20 Ld PDIP E20.3 CD74HC240M -55 to 125 20 Ld SOIC M20.3 CD74HCT241M -55 to 125 20 Ld SOIC M20.3 CD74HCT240M -55 to 125 20 Ld SOIC M20.3 CD74HC244M -55 to 125 20 Ld SOIC M20.3 CD74HCT244M -55 to 125 20 Ld SOIC M20.3 NOTES: 1. When ordering, use the entire part number. Add the suffix 96 to obtain the variant in the tape and reel. 2. Wafer and die for this part number is available which meets all electrical specifications. Please contact your local sales office or Harris customer service for ordering information. Ordering Information PART NUMBER TEMP. RANGE (oC) PACKAGE PKG. NO. 18 16 14 12 7 3 5 9 2 1Y0 1Y1 1Y2 1Y3 2Y0 2Y1 2Y2 2Y3 2OE 1OE 1 19 6 2OE 1OE 1Y0 1Y1 1Y2 1Y3 2Y0 2Y1 2Y2 2Y3 240 241 17 4 8 11 13 15 1A0 1A1 1A2 1A3 2A0 2A1 2A2 2A3 240 AND 244 241 AND 244 VCC = 20 GND = 10 CD74HC240, CD74HCT240, CD74HC241, CD74HCT241, CD74HC244, CD74HCT244 |
Numéro de pièce similaire - CD74HC241 |
|
Description similaire - CD74HC241 |