Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PDZ-2B-1000 Fiches technique(PDF) 1 Page - Merrimac Industries, Inc.

No de pièce PDZ-2B-1000
Description  0째POWER DIVIDERS / COMBINERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MERRIMAC [Merrimac Industries, Inc.]
Site Internet  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

PDZ-2B-1000 Fiches technique(HTML) 1 Page - Merrimac Industries, Inc.

  PDZ-2B-1000 Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B - Outline
PDZ-2B Series
0
°POWER DIVIDERS / COMBINERS
1 to 1800 MHz / 2-Way / Broadband / Low Profile, CaseFree Package / Low Weight <0.01 oz.
For further informationcontact
MERRIMAC/ 41 FairfieldPl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX973-575-0531
PRINCIPAL SPECIFICATIONS
Frequency
Frequency
Isolation,
Insertion
Amplitude
Phase
Model
Range,
Performance,
dB,
Loss, dB,
Balance, dB,
Balance,
VSWR
Number
MHz
MHz
Min. Typ.
Max. Typ.
Max.
Typ.
Max. Typ.
Max. Typ.
PDZ-2B-50
1 - 100
1 - 500
25
30
0.7
0.4
0.2
0.1
1.3:1 1.2:1
PDZ-2B-1000 50 - 1800
50 - 1000
20
24
0.8
0.5
0.4
0.3
1.5:1 1.3:1
1000 - 1800
15
20
2.0
1.5
0.5
0.4
1.8:1 1.6:1
General Notes:
1. The PDZ-2B series is a CaseFree,
lumped element power divider designed for
size and process compatibility with MMIC
and similar devices. The low 0.130" profile
allows it to be mounted into a low profile
hermetic package with other miniature com-
ponents using silver epoxy, solder or wire
bonding attachment methods.
2. The basic power divider is a hybrid junc-
tion with one of its ports internally termi-
nated. For in-phase power division, such as
the PDZ-2B series, the E port is internally
terminated.
3. These units employ a broadband, high
isolation design using lumped element tech-
nology mounted on a metallized alumina
substrate. Similar units are available in sur-
face mount and other similar packages.
GENERAL SPECIFICATIONS
Coupling:
– 3.0 dB
Impedance:
50
Ω nom.
CW Input Power:
250 mW max.
(When used as divider with 1.2:1 VSWRout)
Internal Load Dissipation: 50 mW max.
Weight, nominal:
0.007 oz. (200 mg)
Operating Temperature: –55° to +85°C
27Mar96
Pad No.
Function
1Output
2
Input
3
No Connection
4Output
NOTES:
1. Tolerance on 3 place decimals
±.010(.25) except as noted.
2. Dimensions in inches over mm.


Numéro de pièce similaire - PDZ-2B-1000

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PDZ-B PHILIPS-PDZ-B Datasheet
63Kb / 8P
   Voltage regulator diodes
1998 Apr 23
PDZ-B NXP-PDZ-B Datasheet
143Kb / 9P
   Total power dissipation: max. 400 mW
2004 Mar 22
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
PDZ-B_SER NEXPERIA-PDZ-B_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 5 - 21 December 2022
PDZ-GW NEXPERIA-PDZ-GW Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
More results

Description similaire - PDZ-2B-1000

FabricantNo de pièceFiches techniqueDescription
logo
Merrimac Industries, In...
PDF-2A-250SQ MERRIMAC-PDF-2A-250SQ Datasheet
92Kb / 1P
   0째 DIVIDERS / COMBINERS
PDF-4E-1300SQ MERRIMAC-PDF-4E-1300SQ Datasheet
439Kb / 1P
   0째 DIVIDERS / COMBINERS
PDM-81-12GSQ MERRIMAC-PDM-81-12GSQ Datasheet
86Kb / 1P
   0 DIVIDERS/COMBINERS
PDM-21-1.5GSQ MERRIMAC-PDM-21-1.5GSQ Datasheet
76Kb / 1P
   0 DIVIDERS/COMBINERS
QHM-2-1.8GSQ MERRIMAC-QHM-2-1.8GSQ Datasheet
93Kb / 1P
   90째 DIVIDERS / COMBINERS
PDG-02B-500SQ MERRIMAC-PDG-02B-500SQ Datasheet
428Kb / 1P
   0째 DIVIDERS / COMBINERS
PDM-20-250SQ MERRIMAC-PDM-20-250SQ Datasheet
74Kb / 1P
   0 DIVIDERS/COMBINERS
PDM-41-3GSQ MERRIMAC-PDM-41-3GSQ Datasheet
240Kb / 1P
   0 DIVIDERS/COMBINERS
PDM-24-13GSQ MERRIMAC-PDM-24-13GSQ Datasheet
84Kb / 1P
   0 DIVIDERS/COMBINERS
PDF-3C-50SQ MERRIMAC-PDF-3C-50SQ Datasheet
93Kb / 1P
   0째 DIVIDERS / COMBINERS
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com