Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD244 Fiches technique(PDF) 2 Page - Inchange Semiconductor Company Limited

No de pièce BD244
Description  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD244 Fiches technique(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD244 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD244 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BD244 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon PNP Power Transistors
BD244/A/B/C
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BD244
-45
BD244A
-60
BD244B
-80
VCEO(SUS)
Collector-emitter
sustaining voltage
BD244C
IC=-30mA; IB=0
-100
V
VCEsat
Collector-emitter saturation voltage
IC=-6A;IB=-1 A
-1.5
V
VBE
Base-emitter on voltage
IC=-6A ; VCE=-4V
-2.0
V
BD244/A
VCE=-30V; IB=0
ICEO
Collector cut-off current
BD244B/C
VCE=-60V; IB=0
-0.7
mA
BD244
VCE=-45V; VBE=0
BD244A
VCE=-60V; VBE=0
BD244B
VCE=-80V; VBE=0
ICES
Collector cut-off current
BD244C
VCE=-100V; VBE=0
-0.4
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
1
mA
hFE-1
DC current gain
IC=-0.3A ; VCE=-4V
30
hFE-2
DC current gain
IC=-3A ; VCE=-4V
15


Numéro de pièce similaire - BD244

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
BD244 MOSPEC-BD244 Datasheet
127Kb / 3P
   POWER TRANSISTORS(6A,65W)
logo
List of Unclassifed Man...
BD244 ETC2-BD244 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Power Innovations Ltd
BD244 POINN-BD244 Datasheet
86Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Transys Electronics
BD244 TRSYS-BD244 Datasheet
474Kb / 5P
   PNP SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
BD244 FAIRCHILD-BD244 Datasheet
38Kb / 4P
   Medium Power Linear and Switching Applications
More results

Description similaire - BD244

FabricantNo de pièceFiches techniqueDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com