Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC1678 Fiches technique(PDF) 2 Page - Inchange Semiconductor Company Limited

No de pièce 2SC1678
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC1678 Fiches technique(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC1678 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC1678 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC1678 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC1678
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCE(sat)
Collector-emitter saturation voltage
IC=0.5A; IB=50m A
1.0
V
V(BR)CBO
Collector-base breakdown voltage
IC=1mA; IE=0
65
V
V(BR)CEO
Collector-emitter breakdown voltage
IC=10mA; IB=0
65
V
V(BR)EBO
Emitter-base breakdown voltage
IE=1mA; IC=0
4
V
ICBO
Collector cut-off current
VCB=30V;IE=0
10
μA
ICEO
Collector cut-off current
VCE=20V;IB=0
100
μA
hFE-1
DC current gain
IC=0.5A ; VCE=5V
15
hFE-2
DC current gain
IC=1.5A ; VCE=5V
10
COB
Collectpr output capacitance
IE=0 ; VCB=10V, f=1MHz
30
pF
fT
Transition frequency
IC=0.1A ; VCE=5V
100
MHz


Numéro de pièce similaire - 2SC1678

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SC1678 TOSHIBA-2SC1678 Datasheet
61Kb / 2P
   SILICON NPN EPITAXIAL PLANAR TYPE
logo
Savantic, Inc.
2SC1678 SAVANTIC-2SC1678 Datasheet
90Kb / 3P
   Silicon NPN Power Transistors
2SC1678 SAVANTIC-2SC1678 Datasheet
92Kb / 3P
   Silicon NPN Power Transistors
logo
List of Unclassifed Man...
2SC1678 ETC1-2SC1678 Datasheet
87Kb / 1P
   Japanese 2S Transistor Cross Reference
More results

Description similaire - 2SC1678

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com