Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMF-8A-500 Fiches technique(PDF) 1 Page - Merrimac Industries, Inc.

No de pièce DMF-8A-500
Description  DOUBLE BALANCED MIXERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MERRIMAC [Merrimac Industries, Inc.]
Site Internet  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

DMF-8A-500 Fiches technique(HTML) 1 Page - Merrimac Industries, Inc.

  DMF-8A-500 Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Package Outline
DMF-8ASeries
DOUBLEBALANCEDMIXERS
500 kHz to2 GHz / +17 to+23 dBmLO/ +25 dBmThirdOrder Intercept / Flatpack
For further informationcontact
MERRIMAC/ 41 FairfieldPl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX973 575-0531
General Notes:
1. The DMF-8A series of Double Balanced Mixers covers the frequency range of 0.5 to 2000 MHz using an eight diode ring modulator to produce
a high level mixer with high third order intercept points.
2. Merrimac offers a broad selection of Double Balanced Mixers ideal for a variety of signal processing functions with frequencies ranging from
20 kHz to 20 GHz and for applications from the routine to the very special.
3. Merrimac mixers comply with MIL-M-28837 and may be supplied screened for compliance with additional specifications for military and space
applications requiring the highest reliability.
PRINCIPAL SPECIFICATIONS
RF/LO
IF
Operating
Conversion
Port Isolation, Min.
Model
Frequency,
Frequency,
Range,
Loss, dB,
L-R
L-X
R-X
Polarity
Number
MHz
MHz
MHz
Max.
Typ.
dB
dB
dB
Sense
DMF-8A-250
0.5 - 500
DC - 500
0.5 - 1
8.0
7.0
40
30
23
Pos.
1 - 300
7.0
6.0
40
30
23
300 - 500
8.0
7.0
35
20
20
DMF-8A-500
10 - 1000
DC - 1000
10 - 50
7.5
6.5
35
30
25
Pos.
50 - 500
7.5
6.5
30
25
20
500 -1000
8.5
7.5
25
15
15
DMF-8A-700
10 - 1500
DC - 1000
10 - 600
8.0
7.0
30
20
15
Neg.
600 -1000
8.0
7.0
20
12
15
1000 -1500
9.5
8.5
20
12
8
DMF-8A-1700 500 - 2000
DC - 1000
500 - 2000
8.0
6.0
25
25
15
Neg.
All specifications are as measured in a 50
system, at nominal LO power, in a down converter application
GENERAL SPECIFICATIONS
LO Drive:
+20 dBm nom.
Impedance:
50
Ω nom.
Noise Figure:
Within
±1 dB of
Conversion Loss
1 dB Comp. Point:
+13 dBm input typ.
Input Intercept Point:
+25 dBm typ.
Maximum Input Power:
600 mW @ 25°C
(derate linearly to 0 mW @ 125°C)
DC Offset Voltage:
5 mV typ.
Weight:
0.1 oz (2.8 g)
Operating Temperature: – 55° to +85°C
NOTES:
1. Tolerance on 3 place decimals
±.010(.25) except as noted.
2. Dimensions in inches over millimeters.
3. Dimensions marked with * apply only at body.
4. All unmarked pins are case ground.
29Apr96


Numéro de pièce similaire - DMF-8A-500

FabricantNo de pièceFiches techniqueDescription
logo
Merrimac Industries, In...
DMF-10A-300 MERRIMAC-DMF-10A-300 Datasheet
98Kb / 1P
   DOUBLE BALANCED MIXER
DMF-2A-1700SQ MERRIMAC-DMF-2A-1700SQ Datasheet
297Kb / 1P
   DOUBLE BALANCED MIXER
DMF-2A-250 MERRIMAC-DMF-2A-250 Datasheet
81Kb / 1P
   DOUBLE BALANCED MIXERS
DMF-2A-250SQ MERRIMAC-DMF-2A-250SQ Datasheet
480Kb / 1P
   DOUBLE BALANCED MIXER
DMF-2R-5000 MERRIMAC-DMF-2R-5000 Datasheet
43Kb / 1P
   DOUBLE BALANCED MIXERS
More results

Description similaire - DMF-8A-500

FabricantNo de pièceFiches techniqueDescription
logo
Anaren Microwave
73128 ANAREN-73128 Datasheet
170Kb / 1P
   Mixers Double Balanced
74125 ANAREN-74125 Datasheet
153Kb / 1P
   Mixers Double Balanced
logo
List of Unclassifed Man...
M1-0614 ETC2-M1-0614 Datasheet
95Kb / 2P
   DOUBLE-BALANCED MIXERS
logo
Merrimac Industries, In...
DMM-12-500 MERRIMAC-DMM-12-500 Datasheet
1Mb / 1P
   DOUBLE BALANCED MIXERS
DMM-4-250 MERRIMAC-DMM-4-250 Datasheet
216Kb / 1P
   DOUBLE BALANCED MIXERS
logo
Marki Microwave
M1-0204 MARKIMICROWAVE-M1-0204 Datasheet
175Kb / 2P
   DOUBLE-BALANCED MIXERS
M1-0220 MARKIMICROWAVE-M1-0220 Datasheet
151Kb / 2P
   DOUBLE-BALANCED MIXERS
M4-0126 MARKIMICROWAVE-M4-0126 Datasheet
198Kb / 3P
   DOUBLE-BALANCED MIXERS
M8-0326 MARKIMICROWAVE-M8-0326 Datasheet
177Kb / 2P
   DOUBLE-BALANCED MIXERS
M8-0420 MARKIMICROWAVE-M8-0420 Datasheet
198Kb / 2P
   DOUBLE-BALANCED MIXERS
M1-0208 MARKIMICROWAVE-M1-0208 Datasheet
242Kb / 3P
   DOUBLE-BALANCED MIXERS
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com