Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS1215ADA Fiches technique(PDF) 4 Page - Systemsensor advanced ideas.

No de pièce SS1215ADA
Description  Signaling Strobes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYSTEMSENSOR [Systemsensor advanced ideas.]
Site Internet  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

SS1215ADA Fiches technique(HTML) 4 Page - Systemsensor advanced ideas.

  SS1215ADA Datasheet HTML 1Page - Systemsensor advanced ideas. SS1215ADA Datasheet HTML 2Page - Systemsensor advanced ideas. SS1215ADA Datasheet HTML 3Page - Systemsensor advanced ideas. SS1215ADA Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4
A05-206-04
Ordering Information
Models – ADA Compliant, UL 1971 Listed
Electromechanical
Operating
Strobe Current
Red
Beige(B)/White(W)
Tone
Product
Voltage
(Average mA)
Candela
Signaling Strobes
SS2415ADA
SS2415ADAB
Signaling Strobe
24 VDC
75
15
SS241575ADA
SS241575ADAB
Signaling Strobe
24 VDC
93
15/75
SS2475ADA
SS2475ADAB
Signaling Strobe
24 VDC
170
75
SS24110ADA
SS24110ADAB
Signaling Strobe
24 VDC
210
110
SS1215ADA
SS1215ADAB
Signaling Strobe
12 VDC
170
15
SS121575ADA
SS121575ADAB
Signaling Strobe
12 VDC
225
15/75
Multi-Alert Sounder with Signaling Strobe
MASS2415ADA
MASS2415ADAB
MAEH2415ADA
Sounder with Signaling Strobe
24 VDC
*
15
MASS241575ADA
MASS241575ADAB
MAEH241575ADA
Sounder with Signaling Strobe
24 VDC
*
15/75
MASS2475ADA
MASS2475ADAB
MAEH2475ADA
Sounder with Signaling Strobe
24 VDC
*
75
MASS24110ADA
MASS24110ADAB
MAEH24110ADA
Sounder with Signaling Strobe
24 VDC
*
110
MASS1215ADA
MASS1215ADAB
MAEH1215ADA
Sounder with Signaling Strobe
12 VDC
*
15
MASS121575ADA
MASS121575ADAB
MAEH121575ADA
Sounder with Signaling Strobe
12 VDC
*
15/75
V400 Series Speaker with Signaling Strobe
V4R2415ADA
Speaker with Signaling Strobe
24 VDC
75
15
V4R241575ADA
Speaker with Signaling Strobe
24 VDC
93
15/75
V4R2475ADA
Speaker with Signaling Strobe
24 VDC
170
75
V4R24110ADA
Speaker with Signaling Strobe
24 VDC
210
110
SP101 Series Speaker with Signaling Strobe
SP1R2415ADA
SP1W2415ADA
Speaker with Signaling Strobe
24 VDC
75
15
SP1R241575ADA
SP1W241575ADA
Speaker with Signaling Strobe
24 VDC
93
15/75
SP1R2475ADA
SP1W2475ADA
Speaker with Signaling Strobe
24 VDC
170
75
SP1R24110ADA
SP1W24110ADA
Speaker with Signaling Strobe
24 VDC
210
110
*Total current = strobe current + sounder current
Note: All 1575ADA strobe products are recommended for 20
′ × 20′ areas or less.
How to Order
SS1215ADAB
B=Beige Strobe
12 = 12 Volt
24 = 24 Volt
SS = Signal Strobe
MASS = Multi-Alert Sounder/Strobe
MAEH = Multi-Alert Sounder/Strobe
with Electromechanical Tone
V4R = 400 Series Speaker, Red
SP1R = SP101 Series Speaker (Strobe), Red
SP1W = SP101 Series Speaker (Strobe), White
15 = 15 cd, UL 1971 Strobe
1575 = 15 cd, UL 1971, 75 cd on axis
75 = 75 cd, UL 1971 Strobe
110 = 110 cd, UL 1971 Strobe
Electrical Ratings – Strobe Only
Average Operating Current
In-rush Current in
Average Operating Current
Model
Supply
from Regulated Supply
Excess of Peak
Peak Operating
from Full Wave Rectified,
Red
Beige
Voltage Range
(mA)
Operating Current (mA)
Current (mA)
Unfiltered Supply (mArms)*
SS2415ADA
SS2415ADAB
20–30 VDC
75
0
180
90
SS241575ADA
SS241575ADAB
20–30 VDC
93
0
220
120
SS2475ADA
SS2475ADAB
20–30 VDC
170
0
400
200
SS24110ADA
SS24110ADAB
20–30 VDC
210
0
500
245
SS1215ADA
SS1215ADAB
12–14 VDC
170
0
380
200
SS121575ADA
SS121575ADAB
12–14 VDC
225
0
560
270
* For additional information, see installation manual D900-01-00
Actual 12 volt operating voltage cannot be less than 9.6 VDC or greater than 15.4 VDC; actual 24 volt operating voltage cannot be less than 16 VDC or
greater than 33 VDC
System Sensor Worldwide Distribution
In Canada:
System Sensor Canada
6581 Kitimat Road, Unit #7
Mississauga, Ontario
Canada L5N 3T5
Telephone: 905-812-0767
Fax: 905-812-0771
In the United Kingdom:
System Sensor Europe, Ltd.
Horsham Gates III, North St.
Horsham, West Sussex
RH13 5PJ, United Kingdom
Telephone: 44-1403-276500
Fax: 44-1403-276501
In India:
System Sensor India
A-204 Maheshwari Nagar
Orkay Mills Lane
Andheri East, Mumbai 400093
Telefax: 91-022-8202564
In the Far East:
System Sensor
Pittway Far East, Ltd.
Suite 706, New T&T Centre
7 Canton Road
Tsimshatsui, Kowloon, Hong Kong
Telephone: 852-2730-9090
Fax: 852-2736-6580


Numéro de pièce similaire - SS1215ADA

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SS12 PANJIT-SS12 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diode Semiconductor Kor...
SS12 DSK-SS12 Datasheet
179Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SS12 TSC-SS12 Datasheet
138Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifier
logo
SAMYANG ELECTRONICS CO....
SS12 SAMYANG-SS12 Datasheet
739Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SS12 WTE-SS12 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Description similaire - SS1215ADA

FabricantNo de pièceFiches techniqueDescription
logo
Systemsensor advanced i...
V4R24ADA SYSTEMSENSOR-V4R24ADA Datasheet
168Kb / 4P
   Speaker/Strobes for Fire Protective Signaling Systems
SC2415W SYSTEMSENSOR-SC2415W Datasheet
332Kb / 4P
   Strobes and Horn Strobes
logo
OSRAM GmbH
LAE63F OSRAM-LAE63F Datasheet
594Kb / 22P
   Signaling
logo
Gamewell-FCI by Honeywe...
SC2415 GAMEWELL-FCI-SC2415 Datasheet
536Kb / 4P
   SC Strobes and PC Horn/Strobes
72045 GAMEWELL-FCI-72045 Datasheet
324Kb / 2P
   Speaker/Strobes
logo
Systemsensor advanced i...
P1215 SYSTEMSENSOR-P1215 Datasheet
113Kb / 4P
   Wall-Mount Horns, Strobes, and Horn/Strobes
S2475RLP SYSTEMSENSOR-S2475RLP Datasheet
126Kb / 2P
   SpectrAlert??Colored Lens Strobes and Horn/Strobes
logo
List of Unclassifed Man...
MX803A ETC-MX803A Datasheet
225Kb / 26P
   Audio Signaling Processor
logo
Asahi Kasei Microsystem...
AK2363 AKM-AK2363 Datasheet
495Kb / 33P
   Radio Signaling LSI
logo
PerkinElmer Optoelectro...
MVS-2600 PERKINELMER-MVS-2600 Datasheet
36Kb / 2P
   Machine Vision Strobes
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com