Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD-10Z-2.45G Fiches technique(PDF) 1 Page - Merrimac Industries, Inc.

No de pièce CSD-10Z-2.45G
Description  DIRECTIONAL COUPLER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MERRIMAC [Merrimac Industries, Inc.]
Site Internet  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

CSD-10Z-2.45G Fiches technique(HTML) 1 Page - Merrimac Industries, Inc.

  CSD-10Z-2.45G Datasheet HTML 1Page - Merrimac Industries, Inc. CSD-10Z-2.45G Datasheet HTML 2Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FREQUENCY RANGE
(GHz)
MEAN
COUPLING
INSERTION LOSS
(dB MAX)
VSWR
(MAX)
FREQUENCY
SENSITIVITY
(dB MAX)
2.3 - 2.6
10 ± 1.0 dB
0.4
1.3:1
±0.4
DIRECTIVITY
(dB MIN.)
AVERAGE POWER*
(WATTS, MAX)
SIZE
(INCHES)
WEIGHT
(GRAMS/OZ.)
RF
INTERFACE
OPERATING
TEMPERATURE
17
100 W
0.18 x 0.18 x 0.07
0.09 / 0.003
Leadless Surface
Mount
-55° - +85° C
* CW input power, tested in fixture with heat sink at 25° C.
DIRECTIONAL COUPLER
CSD-10Z-2.45G
TECHNICAL DESCRIPTION
REV: 004, 09/09/04
THE MULTI-MIX MICROTECHNOLOGY
® GROUP IS ISO 9001:2000 REGISTERED
Merrimac Industries / 41 Fairfield Place, West Caldwell, NJ 07006
Tel: 1.888.434.MMFM / Fax: 973.882.5990 / Email: MMFM@merrimacind.com / www.Multi-Mix.com
U.S. Patent 6,099,677 and other Patents Pending.
GENERAL SPECIFICATIONS
PACKAGE OUTLINE / TAPE & REEL ORIENTATION
.062
SEE DETAIL A
TOP VIEW
MOUNTING ORIENTATION: MARKING DOT ON TOP SIDE
0.175
0.175
4
3
2
1
0.007
Ø0.031
0.054
0.030
0.007
NOTES:
1. ALL DIMENSIONS ARE IN INCHES.
2. TOLERANCES: -3 PLACE DECIMALS; ±.005.
MULTI-MIX PICO™ Z-SERIES DIRECTIONAL COUPLERS
• 2.3 - 2.6 GHz
• HIGH POWER…100 WATTS CW
• LOW LOSS
• LOW VSWR
• SURFACE MOUNT
• TAPE & REEL
The Multi-Mix
® CSD-Z series provides directional couplers with low insertion loss, low VSWR, and high
directivity. Accurate coupling factors make this series ideal for use in power amplifiers and RF signal dis-
tribution and processing.
CSD-Z directional couplers are fusion bonded multilayer stripline devices. The fusion bonding process
yields a homogeneous monolithic dielectric structure with reliability, ruggedness, and electrical perform-
ance that is superior to conventional adhesive bonding techniques.


Numéro de pièce similaire - CSD-10Z-2.45G

FabricantNo de pièceFiches techniqueDescription
logo
Merrimac Industries, In...
CSD-10Z-3.5G MERRIMAC-CSD-10Z-3.5G Datasheet
217Kb / 5P
   DIRECTIONAL COUPLERS
CSD-10Z-5.5G MERRIMAC-CSD-10Z-5.5G Datasheet
166Kb / 2P
   DIRECTIONAL COUPLER
More results

Description similaire - CSD-10Z-2.45G

FabricantNo de pièceFiches techniqueDescription
logo
RFHIC
CP261 RFHIC-CP261 Datasheet
177Kb / 3P
   Directional Coupler
logo
American Accurate Compo...
JXWBOH-T-10900-12750-10 AAC-JXWBOH-T-10900-12750-10 Datasheet
79Kb / 1P
   Directional Coupler
logo
RFHIC
CP360 RFHIC-CP360 Datasheet
154Kb / 2P
   Directional Coupler
CP361 RFHIC-CP361 Datasheet
177Kb / 3P
   Directional Coupler
logo
Merrimac Industries, In...
CSDZ-10H-1.1G MERRIMAC-CSDZ-10H-1.1G Datasheet
148Kb / 2P
   DIRECTIONAL COUPLER
CSDZ-20H-1.1G MERRIMAC-CSDZ-20H-1.1G Datasheet
149Kb / 2P
   DIRECTIONAL COUPLER
CSD-20H-2.2G MERRIMAC-CSD-20H-2.2G Datasheet
137Kb / 5P
   DIRECTIONAL COUPLER
logo
SYNERGY MICROWAVE CORPO...
GC6-2 SYNERGY-GC6-2 Datasheet
341Kb / 3P
   Directional coupler
KDK-20-225 SYNERGY-KDK-20-225 Datasheet
252Kb / 3P
   Directional coupler
logo
Alpha Industries
DC17-73 ALPHA-DC17-73 Datasheet
58Kb / 3P
   Directional Coupler
logo
Mini-Circuits
ZFDC-10-5 MINI-ZFDC-10-5 Datasheet
77Kb / 1P
   Directional Coupler
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com