Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L-11608 Fiches technique(PDF) 1 Page - Rhombus Industries Inc.

No de pièce L-11608
Description  Low & Medium Power Common Mode Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RHOMBUS-IND [Rhombus Industries Inc.]
Site Internet  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-11608 Fiches technique(HTML) 1 Page - Rhombus Industries Inc.

  L-11608 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane,
Huntington Beach, CA 92649-1595
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
www.rhombus-ind.com
10/18/00
Physical Dimensions
inches (mm)
.500
(12.70)
.800
(20.32)
1
3
4
2
Foot Print
L 1
I 2
DCR
WEIGHT
Part
+25%
DC
Max
approx. g
Number
( mH )
( Amps )
( mΩ )
L-11600
47
0.3
1750
9
L-11601
39
0.5
810
9
L-11602
27
0.8
500
9
L-11603
15
1.0
375
9
L-11604
10
1.2
200
9
L-11605
6.8
1.5
130
9
L-11606
4.2
2.0
102
9
L-11607
3.3
2.5
72
9
L-11608
2.0
3.0
55
9
L-11609
1.5
4.0
35
9
Electrical Specifications at 25OC
1. Test Frequency 10 kHz - 100 mV
2. 40oC Temperature Rise
.525
(13.33)
.075
(1.90)
.860
(21.84)
.880
(22.35)
TOP
12
4
3
.175
(4.44)
.026
(0.66)
DIA.
Low & Medium Power
Common Mode Inductors
HLP-CMC
Schematic
1
2
3
4
Horizontal Package Style
500 V
RMS Isolation


Numéro de pièce similaire - L-11608

FabricantNo de pièceFiches techniqueDescription
logo
Rhombus Industries Inc.
L-11608 RHOMBUS-IND-L-11608 Datasheet
18Kb / 1P
   Low & Medium Power Common Mode Inductors
L-11608L RHOMBUS-IND-L-11608L Datasheet
18Kb / 1P
   Low & Medium Power Common Mode Inductor
More results

Description similaire - L-11608

FabricantNo de pièceFiches techniqueDescription
logo
Rhombus Industries Inc.
L-11608 RHOMBUS-IND-L-11608 Datasheet
18Kb / 1P
   Low & Medium Power Common Mode Inductors
L-11609 RHOMBUS-IND-L-11609 Datasheet
16Kb / 1P
   Low & Medium Power Common Mode Inductors
L-699 RHOMBUS-IND-L-699 Datasheet
18Kb / 1P
   Low & Medium Power Common Mode Inductors
L-11608L RHOMBUS-IND-L-11608L Datasheet
18Kb / 1P
   Low & Medium Power Common Mode Inductor
logo
Allied Components Inter...
PCSDW74-6R8M-RC ALLIED-PCSDW74-6R8M-RC Datasheet
785Kb / 1P
   SMD COMMON MODE POWER INDUCTORS
PCSDW73-4R7M-RC ALLIED-PCSDW73-4R7M-RC Datasheet
668Kb / 1P
   SMD COMMON MODE POWER INDUCTORS
PCSDW125-3R3M-RC ALLIED-PCSDW125-3R3M-RC Datasheet
1Mb / 1P
   SMD COMMON MODE POWER INDUCTORS
PCSDW127-4R7M-RC ALLIED-PCSDW127-4R7M-RC Datasheet
1Mb / 1P
   SMD COMMON MODE POWER INDUCTORS
logo
Rhombus Industries Inc.
L-244 RHOMBUS-IND-L-244 Datasheet
67Kb / 2P
   Common Mode Inductors
L-252 RHOMBUS-IND-L-252 Datasheet
37Kb / 1P
   Common Mode Inductors
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com