Moteur de recherche de fiches techniques de composants électroniques |
|
AD7524M Fiches technique(PDF) 5 Page - Texas Instruments |
|
AD7524M Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 12 page AD7524M Advanced LinCMOS ™ 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER SGLS028A – SEPTEMBER 1989 – REVISED MARCH 1995 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION The AD7524M is an 8-bit multiplying D/A converter consisting of an inverted R-2R ladder, analog switches, and data input latches. Binary weighted currents are switched between the OUT1 and OUT2 bus lines, thus maintaining a constant current in each ladder leg independent of the switch state. The high-order bits are decoded and these decoded bits, through a modification in the R-2R ladder, control three equally weighted current sources. Most applications only require the addition of an external operational amplifier and a voltage reference. The equivalent circuit for all digital inputs low is seen in Figure 1. With all digital inputs low, the entire reference current, Iref, is switched to OUT2. The current source 1/256 represents the constant current flowing through the termination resistor of the R-2R ladder, while the current source IIkg represents leakage currents to the substrate. The capacitances appearing at OUT1 and OUT2 are dependent upon the digital input code. With all digital inputs high, the off-state switch capacitance (30 pF maximum) appears at OUT2 and the on-state switch capacitance (120 pF maximum) appears at OUT1. With all digital inputs low, the situation is reversed as shown in Figure 1. Analysis of the circuit for all digital inputs high is similar to Figure 1; however, in this case, Iref would be switched to OUT1. Interfacing the AD7524M D/A converter to a microprocessor is accomplished via the data bus and the CS and WR control signals. When CS and WR are both low, the AD7524M analog output responds to the data activity on the DB0–DB7 data bus inputs. In this mode, the input latches are transparent and input data directly affects the analog output. When either the CS signal or WR signal goes high, the data on the DB0–DB7 inputs are latched until the CS and WR signals go low again. When CS is high, the data inputs are disabled regardless of the state of the WR signal. The AD7524M is capable of performing 2-quadrant or full 4-quadrant multiplication. Circuit configurations for 2-quadrant or 4-quadrant multiplication are shown in Figures 2 and 3. Input coding for unipolar and bipolar operation are summarized in Tables 1 and 2, respectively. |
Numéro de pièce similaire - AD7524M |
|
Description similaire - AD7524M |