Moteur de recherche de fiches techniques de composants électroniques |
|
AMDM-35G Fiches technique(PDF) 1 Page - Rhombus Industries Inc. |
|
AMDM-35G Fiches technique(HTML) 1 Page - Rhombus Industries Inc. |
|
1 / 1 page 15801 Chemical Lane, Huntington Beach, CA 92649-1595 Phone: (714) 898-0960 • FAX: (714) 896-0971 www.rhombus-ind.com • email: sales@rhombus-ind.com Rhombus Industries Inc. For other values & Custom Designs, contact factory. Specifications subject to change without notice. AMDM 9901 Vcc 8 1 IN 3 5 6 7 GND 4 2 Tap4 Tap5 Tap1 Tap3 Tap2 .505 (12.83) MAX. .120 MIN. (3.05) MAX. .250 (6.35) .100 (2.54) TYP. .050 (1.27) TYP. .020 (0.51) TYP. .020 (0.51) TYP. .300 (7.62) .285 (7.24) MAX. .010 (0.25) TYP. .365 (9.27) MAX. .250 (6.35) MAX. .015 (0.38) TYP. .400 (10.16) .430 (10.92) .030 (0.76) TYP. .008 R (0.20) .100 (2.54) TYP. .050 (1.27) TYP. .020 (0.51) TYP. .010 (0.25) TYP. .505 (12.83) MAX. .285 (7.24) MAX. MAX. .265 (6.73) .030 (0.76) TYP. .330 (8.38) MAX. .020 R (0.51) .285 (7.24) .260 (6.60) .100 (2.54) TYP. .050 (1.27) TYP. .020 (0.51) TYP. .505 (12.83) MAX. .285 (7.24) MAX. AMDM 8-Pin Schematic DImensions in Inches (mm) Electrical Specifications at 25OC G-SMD G-SMD J-SMD J-SMD DIP DIP ** These part numbers do not have 5 equal taps. Tap-to-Tap Delays reference Tap 1. AMDM Series FAST / TTL Buffered 5-Tap Delay Modules P/N Description AMDM - XXX X Buffered 5 Tap Delay Molded Package Series: 8-pin DIP: AMDM Total Delay in nanoseconds (ns) Lead Style: Blank = Thru-hole G = “Gull Wing” SMD J = “J” Bend SMD Examples: AMDM-25G = 25ns (5ns per tap) 74F/TTL, 8-Pin G-SMD AMDM-100 = 100ns (20ns per tap) 74F/TTL, 8-Pin DIP OPERATING SPECIFICATIONS V CC Supply Voltage ................................... 5.00 ± 0.25 VDC I CC Supply Current .................................... 48 mA Maximum Logic “1” Input: V IH ....................... 2.00 V min., 5.50 V max. I IH ............................... 20 µA max. @ 2.70V Logic “0” Input: V IL .......................................... 0.80 V max. I IL ............................................ -0.6 mA mA V OH Logic “1” Voltage Out .................................. 2.40 V min. V OL Logic “0” Voltage Out ............................... 0.50 V max. P WI Input Pulse Width ............................. 40% of Delay min. Operating Temperature Range ............................ 0O to 70OC Storage Temperature Range ...................... -65O to +150OC TEST CONDITIONS -- FAST / TTL V CC Supply Voltage ................................................ 5.00VDC Input Pulse Voltage ................................................... 3.20V Input Pulse Rise Time ....................................... 3.0 ns max. Input Pulse Width / Period ........................... 1000 / 2000 ns 1. Measurements made at 25OC 2. Delay Times measured at 1.50V level of leading edge. 3. Rise Times measured from 0.75V to 2.40V. 4. 10pf probe and fixture load on output under test. Low Profile 8-Pin Package Two Surface Mount Versions FAST/TTL Logic Buffered 5 Equal Delay Taps Operating Temperature Range 0OC to +70OC 14-Pin Versions: FAIDM Series SIP Versions: FSIDM Series Low Voltage CMOS Versions refer to LVMDM / LVIDM Series FAST/TTL 5-tap 8-Pin DIP Tap Delay Tolerances +/- 5% or 2ns (+/- 1ns <13ns) Tap-to-Tap (ns) Tap 1 Tap 2 Tap 3 Tap 4 Total - Tap 5 AMDM-7 3.0 4.0 5.0 6.0 7 ± 1.0 ∗∗ 1 ± 0.5 AMDM-9 3.0 4.5 6.0 7.5 9 ± 1.0 ∗∗ 1.5 ± 0.5 AMDM-11 3.0 5.0 7.0 9.0 11 ± 1.0 ∗∗ 2 ± 0.7 AMDM-13 3.0 5.5 8.0 10.5 13 ± 1.5 ∗∗ 2.5 ± 1.0 AMDM-15 3.0 6.0 9.0 12.0 15 ± 1.5 3 ± 1.0 AMDM-20 4.0 8.0 12.0 16.0 20 ± 2.0 4 ± 1.5 AMDM-25 5.0 10.0 15.0 20.0 25 ± 2.0 5 ± 2.0 AMDM-30 6.0 12.0 18.0 24.0 30 ± 2.0 6 ± 2.0 AMDM-35 7.0 14.0 21.0 28.0 35 ± 2.0 7 ± 2.0 AMDM-40 8.0 16.0 24.0 32.0 40 ± 2.0 8 ± 2.0 AMDM-50 10.0 20.0 30.0 40.0 50 ± 2.5 10 ± 2.0 AMDM-60 12.0 24.0 36.0 48.0 60 ± 3.0 12 ± 2.0 AMDM-75 15.0 30.0 45.0 60.0 75 ± 3.75 15 ± 2.5 AMDM-100 20.0 40.0 60.0 80.0 100 ± 5.0 20 ± 3.0 AMDM-125 25.0 50.0 75.0 100.0 125 ± 6.25 25 ± 3.0 AMDM-150 30.0 60.0 90.0 120.0 150 ± 7.5 30 ± 3.0 AMDM-200 40.0 80.0 120.0 160.0 200 ± 10.0 40 ± 4.0 AMDM-250 50.0 100.0 150.0 200.0 250 ± 12.5 50 ± 5.0 AMDM-350 70.0 140.0 210.0 280.0 350 ± 17.5 70 ± 5.0 AMDM-500 100.0 200.0 300.0 400.0 500 ± 25.0 100 ± 10.0 |
Numéro de pièce similaire - AMDM-35G |
|
Description similaire - AMDM-35G |