Moteur de recherche de fiches techniques de composants électroniques |
|
SM16705FN Fiches technique(PDF) 9 Page - SamHop Microelectronics Corp. |
|
SM16705FN Fiches technique(HTML) 9 Page - SamHop Microelectronics Corp. |
9 / 15 page TEST CIRCUIT DC Characteristic AC Characteristic Utmost care is necessary in the design of the output line, VDD and GND line, since IC may be destroyed due to short-circuit between outputs, air contamination fault, or fault by improper grounding. PRECAUTIONS FOR USING SAMHOP Microelectronics Corp. 8-BIT CONSTANT CURRENT LED DRIVER R-EXT GND SERIAL-OUT OUT0 SERIAL-IN LATCH CLOCK ENABLE OUT7 IOUT IDD VIL,VIH IIL,IIH VDD lrext R-EXT GND OUT0 SERIAL-IN LATCH CLOCK ENABLE OUT7 SW- MATRIX VIL,VIH SERIAL-OUT CL VL RL VDD CL Page 9 V.2.10 IOL, IOH |
Numéro de pièce similaire - SM16705FN |
|
Description similaire - SM16705FN |