Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA6568 Fiches technique(PDF) 7 Page - Sanyo Semicon Device

No de pièce LA6568
Description  Six-Channel Driver for Optical Disc
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6568 Fiches technique(HTML) 7 Page - Sanyo Semicon Device

  LA6568 Datasheet HTML 1Page - Sanyo Semicon Device LA6568 Datasheet HTML 2Page - Sanyo Semicon Device LA6568 Datasheet HTML 3Page - Sanyo Semicon Device LA6568 Datasheet HTML 4Page - Sanyo Semicon Device LA6568 Datasheet HTML 5Page - Sanyo Semicon Device LA6568 Datasheet HTML 6Page - Sanyo Semicon Device LA6568 Datasheet HTML 7Page - Sanyo Semicon Device LA6568 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LA6568
No.7740-7/8
Relationship Between Muting and the P-VCC Power Supply
CH1(BTL AMP)
CH2(BTL AMP)
CH6(LOADING)
CH4(BTL AMP)
P-VCC
MUTE
CH5(BTL AMP)
CH3(LOADING)
Note:
• Connect both S-VCC and P-VCC to the power supply system externally.
• Connect both S-GND and P-GND to the ground system externally.
Muting Functions vs. Outputs and 3.3 V Regulator Operating States
CH1, 2, 4, 5
(BTL-AMP)
CH3, 6
(LOADING)
3.3VREG
5VREG
When IN-MUTE is low
OFF
OFF
When the thermal shutdown circuit has operated
OFF
OFF
OFF
When VREF has fallen below 0.7 V
OFF
Note:
• A dash (−) indicates no operation for functions to which muting, thermal shutdown, or VREF fall protection apply.
• The IN-MUTE pin applies to the BTL amplifiers (channels 1, 2, 4, and 5) and the 3.3 V and 5 V regulators.
• The VREF fall protection function only applies to the BTL amplifiers.
The muting function applies to the BTL amplifiers (channels 1, 2, 4, and 5) and the 3.3 V and 5 V regulators.
IN-MUTE state
BTL-AMP
(CH1, 2, 4, 5)
3.3VREG
5 VREG
H
ON
L
OFF
The VREF fall protection function only applies to the BTL amplifiers.
VREF state
BTL-AMP
(CH1, 2, 4, 5)
VREF
> 0.7 (V)
ON
VREF
< 0.7 (V)
OFF
Loading Block
VIN∗+
(FWD)
VIN∗−
(REV)
Loading output
L
Brake
L
H
Reverse (VO = −1.5 × REV) ∗1
L
Forward (VO = 1.5 × FWD) ∗1
H
H
(VO = 1.5 × (FWD − REV))
Note
∗1: FWD: VIN6+, VIN3+, REV: VIN6−, VIN3−
Note:
• In brake mode, the + and - output voltages both go to VCC/2.
• The "L" voltage level is any level less than VF (approximately 0.6 V).
• The loading circuit (channels 3 and 6) gain is 3.5 dB (typical).


Numéro de pièce similaire - LA6568

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA6560 SANYO-LA6560 Datasheet
105Kb / 9P
   Five-Channel Driver
LA6563 SANYO-LA6563 Datasheet
321Kb / 3P
   4CH Bridge (BTL) Driver for CD
LA6564H SANYO-LA6564H Datasheet
431Kb / 8P
   4CH Bridge (BTL) Driver for CD-R
LA6565 SANYO-LA6565 Datasheet
103Kb / 8P
   Five-Channel CD Actuator Driver
LA6565 SANYO-LA6565 Datasheet
122Kb / 8P
   For CD and DVD players 5-channel Driver (BTL:4ch,H-bridge:1ch)
More results

Description similaire - LA6568

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA2640ER SONY-CXA2640ER Datasheet
171Kb / 17P
   3-Channel 2-LD Driver for Optical Disc Drive
CXA2697ER SONY-CXA2697ER Datasheet
176Kb / 18P
   5-Channel 2-LD Driver for Optical Disc Drive
logo
ON Semiconductor
NCS2566 ONSEMI-NCS2566_11 Datasheet
192Kb / 13P
   Six-Channel Video Driver
April, 2011 ??Rev. 3
logo
STMicroelectronics
STM6316 STMICROELECTRONICS-STM6316 Datasheet
98Kb / 2P
   DVD Optical Disc
logo
Cree, Inc
CGD15FB45P1 CREE-CGD15FB45P1 Datasheet
1Mb / 7P
   Six Channel SiC MOSFET Driver
logo
Panasonic Semiconductor
AN8730SB PANASONIC-AN8730SB Datasheet
79Kb / 7P
   4-channel driver IC for optical disk
logo
Integrated Device Techn...
ZLED7022 IDT-ZLED7022 Datasheet
294Kb / 14P
   Low-Voltage Six-Channel LED Driver
logo
List of Unclassifed Man...
ZLED7022 ETC2-ZLED7022 Datasheet
433Kb / 16P
   Low-Voltage Six-Channel LED Driver
logo
Renesas Technology Corp
ZLED7022 RENESAS-ZLED7022 Datasheet
469Kb / 15P
   Low-Voltage Six-Channel LED Driver
April 20, 2016
logo
Rohm
BA5814FM ROHM-BA5814FM_2 Datasheet
132Kb / 6P
   Power Driver For Compact Disc Players
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com