Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN6961SZ Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FAN6961SZ
Description  Boundary Mode PFC Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6961SZ Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN6961SZ Datasheet HTML 3Page - Fairchild Semiconductor FAN6961SZ Datasheet HTML 4Page - Fairchild Semiconductor FAN6961SZ Datasheet HTML 5Page - Fairchild Semiconductor FAN6961SZ Datasheet HTML 6Page - Fairchild Semiconductor FAN6961SZ Datasheet HTML 7Page - Fairchild Semiconductor FAN6961SZ Datasheet HTML 8Page - Fairchild Semiconductor FAN6961SZ Datasheet HTML 9Page - Fairchild Semiconductor FAN6961SZ Datasheet HTML 10Page - Fairchild Semiconductor FAN6961SZ Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6961 • Rev. 1.0.2
7
Typical Performance Characteristics
2.475
2.485
2.495
2.505
2.515
2.525
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (℃)
0.0
0.6
1.2
1.8
2.4
3.0
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (℃)
Figure 5. VREF vs. TA
Figure 6. ICC-OP vs. TA
24.20
24.28
24.36
24.44
24.52
24.60
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (℃)
11.0
11.6
12.2
12.8
13.4
14.0
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (℃)
Figure 7. tON-MAX vs. TA
Figure 8. Vth-ON vs. TA
8.5
8.9
9.3
9.7
10.1
10.5
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (℃)
4.0
6.4
8.8
11.2
13.6
16.0
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (℃)
Figure 9. Vth-OFF vs. TA
Figure 10. ICC-ST vs. TA


Numéro de pièce similaire - FAN6961SZ

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN6961 FAIRCHILD-FAN6961 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
More results

Description similaire - FAN6961SZ

FabricantNo de pièceFiches techniqueDescription
logo
Monolithic Power System...
MP44010 MPS-MP44010 Datasheet
416Kb / 14P
   Boundary Mode PFC Controller
MP44014 MPS-MP44014 Datasheet
383Kb / 12P
   Boundary Mode PFC Controller
MP44014-A MPS-MP44014-A Datasheet
420Kb / 13P
   Boundary Mode PFC Controller
MP44011 MPS-MP44011 Datasheet
446Kb / 15P
   Boundary-Mode PFC Controller with Harmonic Injection
logo
Fairchild Semiconductor
FL6961 FAIRCHILD-FL6961 Datasheet
493Kb / 11P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
logo
ON Semiconductor
FL7930C ONSEMI-FL7930C Datasheet
2Mb / 22P
   Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
August-2017 Rev 2
FL6961 ONSEMI-FL6961 Datasheet
456Kb / 13P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
January 2012 Rev. 1.0.2
FL7930B ONSEMI-FL7930B Datasheet
1Mb / 25P
   Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
Rev. 1.0.4
logo
Fairchild Semiconductor
AN-8035 FAIRCHILD-AN-8035 Datasheet
1Mb / 22P
   Boundary Conduction Mode Power Factor Correction (PFC)
FL7930 FAIRCHILD-FL7930 Datasheet
1Mb / 20P
   Single-Stage Flyback and Boundary-Mode PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com