Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT16646 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce 74ACT16646
Description  16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

74ACT16646 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button 74ACT16646 Datasheet HTML 4Page - Texas Instruments 74ACT16646 Datasheet HTML 5Page - Texas Instruments 74ACT16646 Datasheet HTML 6Page - Texas Instruments 74ACT16646 Datasheet HTML 7Page - Texas Instruments 74ACT16646 Datasheet HTML 8Page - Texas Instruments 74ACT16646 Datasheet HTML 9Page - Texas Instruments 74ACT16646 Datasheet HTML 10Page - Texas Instruments 74ACT16646 Datasheet HTML 11Page - Texas Instruments 74ACT16646 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
54ACT16646, 74ACT16646
16-BIT BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCAS127B – MARCH 1990 – REVISED APRIL 1996
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
TA = 25°C
54ACT16646
74ACT16646
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
90
90
90
MHz
tPLH
AorB
BorA
3.9
7.5
9.4
3.9
11.5
3.9
10.6
ns
tPHL
A or B
B or A
3.4
7.6
10.6
3.4
12.2
3.4
11.4
ns
tPZH
OE
AorB
3.2
7.7
10.8
3.2
12.9
3.2
11.9
ns
tPZL
OE
A or B
4.2
9
12.2
4.2
14.6
4.2
13.5
ns
tPHZ
OE
AorB
5.3
7.7
9.6
5.3
10.4
5.3
10.2
ns
tPLZL
OE
A or B
4.9
7.3
9.2
4.9
10.3
4.9
9.9
ns
tPLH
CLKBA or CLKAB
AorB
4.9
8.9
11.1
4.9
13.1
4.9
12.2
ns
tPHL
CLKBA or CLKAB
A or B
5.1
9
11
5.1
13.1
5.1
12.3
ns
tPLH
SAB or SBA{
AorB
5.2
10.3
13.8
5.2
17.2
5.2
15.6
ns
tPHL
SAB or SBA
(with A or B high)
A or B
4.9
8.2
10.6
4.9
12.5
4.9
11.7
ns
tPLH
SBA or SAB{
AorB
4.3
7.8
9.9
4.3
12.1
4.3
11.1
ns
tPHL
SBA or SAB
(with A or B high)
A or B
5.9
11.2
14.9
5.9
18.2
5.9
16.7
ns
tPZH
DIR
AorB
4.5
9.5
13.6
4.5
16.2
4.5
15.2
ns
tPZL
DIR
A or B
4.3
9.2
11.8
4.3
14.2
4.3
13.1
ns
tPHZ
DIR
AorB
4.5
7.9
10.2
4.5
11.2
4.5
10.8
ns
tPLZ
DIR
A or B
4.4
7.5
9.8
4.4
10.8
4.4
10.4
ns
† These parameters are measured with the internal output state of the storage register opposite to that of the bus input.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
C d
Power dissipation capacitance per transceiver
Outputs enabled
CL =50 pF
f=1MHz
58
pF
Cpd
Power dissipation capacitance per transceiver
Outputs disabled
CL = 50 pF,
f = 1 MHz
13
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other specifications
are design goals. Texas Instruments reserves the right to change or
discontinue these products without notice.


Numéro de pièce similaire - 74ACT16646

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ACT16646 FAIRCHILD-74ACT16646 Datasheet
61Kb / 6P
   16-Bit Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
74ACT16646 TI1-74ACT16646 Datasheet
420Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
74ACT16646DL TI1-74ACT16646DL Datasheet
420Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
74ACT16646DLG4 TI1-74ACT16646DLG4 Datasheet
420Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
74ACT16646DLR TI1-74ACT16646DLR Datasheet
420Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Description similaire - 74ACT16646

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ABT16646 TI-SN54ABT16646 Datasheet
247Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54AC16652 TI-54AC16652_08 Datasheet
383Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652 Datasheet
237Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652_07 Datasheet
379Kb / 16P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54AC16652 TI-54AC16652 Datasheet
189Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN54ABT16646 TI-SN54ABT16646_08 Datasheet
390Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652_08 Datasheet
409Kb / 16P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
74AC16646 TI1-74AC16646 Datasheet
218Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ACT16646 TI1-54ACT16646_08 Datasheet
420Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ACT16652 TI-54ACT16652 Datasheet
198Kb / 11P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com