Moteur de recherche de fiches techniques de composants électroniques |
|
ST81010001FCX500C Fiches technique(PDF) 1 Page - KOA Speer Electronics, Inc. |
|
ST81010001FCX500C Fiches technique(HTML) 1 Page - KOA Speer Electronics, Inc. |
1 / 4 page ST thermal sensors features • All ST-series thermal sensors are custom-made products. ST-series thermal sensors are designed in various shapes in accordance with your application using a platinum thin-film thermal sensor (SDT101, SDT310 series) as an element. Shapes of sensor parts can be designed flexibly to meet your shapes and dimensional needs, from simple resin mold parts to sensor parts sealed in metal protective tubes made of SUS316. 100: 100 Ω 500: 500 Ω 1K: 1k Ω ST Type Type Number Pb Free Symbol Nominal Resistance New Part # 31050201 1K F D: ±0.5% F: ±1% G: ±2% T.C.R. Tolerance D ordering information B: ±0.1% C: ±0.2% D: ±0.5% F: ±1% Resistance Tolerance B Resistance Value at 0°C Resistance Tolerance Part Designation T.C.R. (x 10-6/K) Element applications and ratings ST3000 3500 B: ±0.1% C: ±0.2% D: ±0.5% F: ±1% 100 Ω 500 Ω 1k Ω SDT101A SDT101B T.C.R. Tolerance (ppm/°C) D: ±0.5% F: ±1% G: ±2% * ST3000 Series, 1k Ω, resistance tolerance B • C are produced in pair of SDT101Series. The combination of ST3000 series, resistance tolerance B-T.C.R. and tolerance D is equivalent to class B of SDT310 tolerance to the measuring temperature. X: 0°C Reference Temperature X A: SDT101 Element Type A * ST3000 series products with a reference temperature of 25°C (T.C.R. will be calculated between 0°C/100°C.) are also available. Consult the factory. Class: Tolerance to Measuring Temperature B: ±(0.3+0.005[t]) C: ±(1.0+0.01[t]) ST8100 100 Ω 500 Ω 1k Ω –– ST Type Type Number Pb Free Symbol New Part # 81010001 F B: ±(0.3+0.005 [t]) C: ±(1.0+0.01 [t]) Class B 100: 100 Ω 500: 500 Ω 1K: 1k Ω Nominal Resistance 1K B: SDT310LT C: SDT310 Element Type B ST3000 Series ST8100 Series X: 0°C Reference Temperature X SDT310LT SDT310 –– –– 3850 167 KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 1/13/06 1733 Reader's Spreads pg1-203:document 1/27/09 4:12 PM Page 165 |
Numéro de pièce similaire - ST81010001FCX500C |
|
Description similaire - ST81010001FCX500C |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |