Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST81010001FBX500C Fiches technique(PDF) 1 Page - KOA Speer Electronics, Inc.

No de pièce ST81010001FBX500C
Description  thermal sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KOA [KOA Speer Electronics, Inc.]
Site Internet  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

ST81010001FBX500C Fiches technique(HTML) 1 Page - KOA Speer Electronics, Inc.

  ST81010001FBX500C Datasheet HTML 1Page - KOA Speer Electronics, Inc. ST81010001FBX500C Datasheet HTML 2Page - KOA Speer Electronics, Inc. ST81010001FBX500C Datasheet HTML 3Page - KOA Speer Electronics, Inc. ST81010001FBX500C Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ST
thermal sensors
features
All ST-series thermal sensors are custom-made products.
ST-series thermal sensors are designed in various shapes
in accordance with your application using a platinum
thin-film thermal sensor (SDT101, SDT310 series) as an
element. Shapes of sensor parts can be designed flexibly
to meet your shapes and dimensional needs, from simple
resin mold parts to sensor parts sealed in metal protective
tubes made of SUS316.
100: 100
500: 500
1K: 1k
ST
Type
Type
Number
Pb Free
Symbol
Nominal
Resistance
New Part #
31050201
1K
F
D: ±0.5%
F: ±1%
G: ±2%
T.C.R.
Tolerance
D
ordering information
B: ±0.1%
C: ±0.2%
D: ±0.5%
F: ±1%
Resistance
Tolerance
B
Resistance
Value
at 0°C
Resistance
Tolerance
Part
Designation
T.C.R.
(x 10-6/K)
Element
applications and ratings
ST3000
3500
B: ±0.1%
C: ±0.2%
D: ±0.5%
F: ±1%
100
500
1k
SDT101A
SDT101B
T.C.R.
Tolerance
(ppm/°C)
D: ±0.5%
F: ±1%
G: ±2%
* ST3000 Series, 1k
Ω, resistance tolerance B • C are produced in pair of SDT101Series. The combination of ST3000 series, resistance tolerance
B-T.C.R. and tolerance D is equivalent to class B of SDT310 tolerance to the measuring temperature.
X: 0°C
Reference
Temperature
X
A: SDT101
Element
Type
A
* ST3000 series products with a reference temperature of 25°C
(T.C.R. will be calculated between 0°C/100°C.) are also available.
Consult the factory.
Class: Tolerance to
Measuring
Temperature
B: ±(0.3+0.005[t])
C: ±(1.0+0.01[t])
ST8100
100
500
1k
––
ST
Type
Type
Number
Pb Free
Symbol
New Part #
81010001
F
B: ±(0.3+0.005 [t])
C: ±(1.0+0.01 [t])
Class
B
100: 100
500: 500
1K: 1k
Nominal
Resistance
1K
B: SDT310LT
C: SDT310
Element
Type
B
ST3000 Series
ST8100 Series
X: 0°C
Reference
Temperature
X
SDT310LT
SDT310
––
––
3850
167
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/13/06
1733 Reader's Spreads pg1-203:document
1/27/09
4:12 PM
Page 165


Numéro de pièce similaire - ST81010001FBX500C

FabricantNo de pièceFiches techniqueDescription
logo
Sangdest Microelectroni...
ST8100 SMC-ST8100 Datasheet
240Kb / 8P
   Ultralow forward voltage drop
logo
SMC Diode Solutions Co....
ST8100 SMCDIODE-ST8100 Datasheet
1Mb / 7P
   SCHOTTKY RECTIFIER
Rev. A
logo
Sangdest Microelectroni...
ST8100S SMC-ST8100S Datasheet
184Kb / 5P
   High frequency operation
logo
SMC Diode Solutions Co....
ST8100S SMCDIODE-ST8100S Datasheet
302Kb / 4P
   SCHOTTKY RECTIFIER
Rev. A
More results

Description similaire - ST81010001FBX500C

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
LA73 ETC2-LA73 Datasheet
196Kb / 2P
   THERMAL SENSORS
logo
Kemet Corporation
OHD KEMET-OHD Datasheet
576Kb / 12P
   Thermal Sensors
11/2/2021
logo
List of Unclassifed Man...
SDT101 ETC-SDT101 Datasheet
327Kb / 2P
   THERMAL SENSORS
TS3-57 ETC2-TS3-57 Datasheet
393Kb / 5P
   Thermal Sensors MOXIE
logo
KOA Speer Electronics, ...
SDT101AX KOA-SDT101AX Datasheet
92Kb / 2P
   platinumthin film thermal sensors
logo
Kemet Corporation
TXS KEMET-TXS Datasheet
189Kb / 1P
   Thermal Sensors Overheat Protection
8/19/2019
logo
KOA Speer Electronics, ...
SDT101AXCT26A100DF KOA-SDT101AXCT26A100DF Datasheet
243Kb / 2P
   platinum thin film thermal sensors
SDT73H2B KOA-SDT73H2B Datasheet
87Kb / 2P
   platinumthin film thermal chip sensors
SDT310LT KOA-SDT310LT Datasheet
95Kb / 3P
   small type platinumthin film thermal sensors
SDT73H2BTTE100F385 KOA-SDT73H2BTTE100F385 Datasheet
236Kb / 2P
   platinum thin film thermal chip sensors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com