Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST81010001FCX1KB Fiches technique(PDF) 4 Page - KOA Speer Electronics, Inc.

No de pièce ST81010001FCX1KB
Description  thermal sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KOA [KOA Speer Electronics, Inc.]
Site Internet  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

ST81010001FCX1KB Fiches technique(HTML) 4 Page - KOA Speer Electronics, Inc.

  ST81010001FCX1KB Datasheet HTML 1Page - KOA Speer Electronics, Inc. ST81010001FCX1KB Datasheet HTML 2Page - KOA Speer Electronics, Inc. ST81010001FCX1KB Datasheet HTML 3Page - KOA Speer Electronics, Inc. ST81010001FCX1KB Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
170
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/18/06
ST
thermal sensors
environmental applications (continued)
Performance Characteristics - ST8100 series
Shape
Product
Lead Wire Number
8101201
Unit: mm
SDT310LT
Heat shrinkage tube
Solder connection
ø0.4 Solder plated copper wire
2-wire system
Measurement temperature –40
°C~105°C
(10)
0.1
5.5
13.2
(15)
Silicone resin
ø3.2
SDT310LT
SDT310
Heat shrinkage
tube
0.08-square
fluorine resin covered wire
2-wire system
(3-wire system
available)
Measurement
temperature
ST310LT:
—40
°C~105°C
ST310:
—40
°C~200°C
(10)
Heat shrinkage tube
SDT310LT
SDT310
(15)
0.08-square parallel
fluorine resin covered wire
3-wire system
(2-wire system available)
Measurement temperature
ST310LT: —40
°C~105°C
ST310:—40
°C~200°C
(10)
Hard tube
(10)
SDT310LT
Heat shrinkage tube
Fluorine resin covered wire
3-wire system
(2-wire system available)
Measurement temperature
—40º~125ºC
(10)
8105201
0.1
SDT310LT Hard tube
Solder connection
10
(10)
ø0.2 Polyurethane coated wire
2-wire system (3-wire system available)
Measurement temperature —40ºC~125ºC
S
8104301
0.1
8104305
8104310
0.5
1.0
2
2
3
3
2
8102201
0.1
8102205
8102210
0.5
1.0
8103301
0.1
8103305
8103310
0.5
1.0
1733 Reader's Spreads pg1-203:document
1/27/09
4:12 PM
Page 168


Numéro de pièce similaire - ST81010001FCX1KB

FabricantNo de pièceFiches techniqueDescription
logo
Sangdest Microelectroni...
ST8100 SMC-ST8100 Datasheet
240Kb / 8P
   Ultralow forward voltage drop
logo
SMC Diode Solutions Co....
ST8100 SMCDIODE-ST8100 Datasheet
1Mb / 7P
   SCHOTTKY RECTIFIER
Rev. A
logo
Sangdest Microelectroni...
ST8100S SMC-ST8100S Datasheet
184Kb / 5P
   High frequency operation
logo
SMC Diode Solutions Co....
ST8100S SMCDIODE-ST8100S Datasheet
302Kb / 4P
   SCHOTTKY RECTIFIER
Rev. A
More results

Description similaire - ST81010001FCX1KB

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
LA73 ETC2-LA73 Datasheet
196Kb / 2P
   THERMAL SENSORS
logo
Kemet Corporation
OHD KEMET-OHD Datasheet
576Kb / 12P
   Thermal Sensors
11/2/2021
logo
List of Unclassifed Man...
SDT101 ETC-SDT101 Datasheet
327Kb / 2P
   THERMAL SENSORS
TS3-57 ETC2-TS3-57 Datasheet
393Kb / 5P
   Thermal Sensors MOXIE
logo
KOA Speer Electronics, ...
SDT101AX KOA-SDT101AX Datasheet
92Kb / 2P
   platinumthin film thermal sensors
logo
Kemet Corporation
TXS KEMET-TXS Datasheet
189Kb / 1P
   Thermal Sensors Overheat Protection
8/19/2019
logo
KOA Speer Electronics, ...
SDT101AXCT26A100DF KOA-SDT101AXCT26A100DF Datasheet
243Kb / 2P
   platinum thin film thermal sensors
SDT73H2B KOA-SDT73H2B Datasheet
87Kb / 2P
   platinumthin film thermal chip sensors
SDT310LT KOA-SDT310LT Datasheet
95Kb / 3P
   small type platinumthin film thermal sensors
SDT73H2BTTE100F385 KOA-SDT73H2BTTE100F385 Datasheet
236Kb / 2P
   platinum thin film thermal chip sensors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com