Moteur de recherche de fiches techniques de composants électroniques |
|
ST81010001FCX100B Fiches technique(PDF) 4 Page - KOA Speer Electronics, Inc. |
|
ST81010001FCX100B Fiches technique(HTML) 4 Page - KOA Speer Electronics, Inc. |
4 / 4 page 170 KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 1/18/06 ST thermal sensors environmental applications (continued) Performance Characteristics - ST8100 series Shape Product Lead Wire Number 8101201 Unit: mm SDT310LT Heat shrinkage tube Solder connection ø0.4 Solder plated copper wire 2-wire system Measurement temperature –40 °C~105°C (10) 0.1 5.5 13.2 (15) Silicone resin ø3.2 SDT310LT SDT310 Heat shrinkage tube 0.08-square fluorine resin covered wire 2-wire system (3-wire system available) Measurement temperature ST310LT: —40 °C~105°C ST310: —40 °C~200°C (10) Heat shrinkage tube SDT310LT SDT310 (15) 0.08-square parallel fluorine resin covered wire 3-wire system (2-wire system available) Measurement temperature ST310LT: —40 °C~105°C ST310:—40 °C~200°C (10) Hard tube (10) SDT310LT Heat shrinkage tube Fluorine resin covered wire 3-wire system (2-wire system available) Measurement temperature —40º~125ºC (10) 8105201 0.1 SDT310LT Hard tube Solder connection 10 (10) ø0.2 Polyurethane coated wire 2-wire system (3-wire system available) Measurement temperature —40ºC~125ºC S 8104301 0.1 8104305 8104310 0.5 1.0 2 2 3 3 2 8102201 0.1 8102205 8102210 0.5 1.0 8103301 0.1 8103305 8103310 0.5 1.0 1733 Reader's Spreads pg1-203:document 1/27/09 4:12 PM Page 168 |
Numéro de pièce similaire - ST81010001FCX100B |
|
Description similaire - ST81010001FCX100B |