Moteur de recherche de fiches techniques de composants électroniques |
|
ST81010001FBX100B Fiches technique(PDF) 3 Page - KOA Speer Electronics, Inc. |
|
ST81010001FBX100B Fiches technique(HTML) 3 Page - KOA Speer Electronics, Inc. |
3 / 4 page ST thermal sensors environmental applications (continued) Performance Characteristics - ST3000 series Shape Product Measurement Temperature Range -20°C ~ +120°C 3201 Unit: mm L 6.5 30 t=2.7 ø0.4 PPS Solder plated copper wire –– –– 3202 Welded SDT101B 8.9 15.4 2—ø3.5 Glass epoxy –– –– -40°C ~ +140°C 32050001 (10) 0.3-square parallel resistant vinyl chloride wire (Black) 15.7 7min. ø3.7 Cu (Sn plating) –– 0.1 -20°C ~ +80°C 32050005 32050010 32050030 0.5 1.0 3.0 32090201 L Polyimide (Brown) Heat shrinkage Tube 0.08-square fluorine resin covered wire (10) 24 0.1 -40°C ~ +120°C 32090205 32090210 32090230 0.5 1.0 3.0 8 33010004 0.4 (8) Coated Polyurethane covered wire (Brown) (10) -20°C ~ +80°C 33110305 L Welded SUS304 PT1/8 0.08-square fluorine resin covered wire (Red, Black) 10 10 5 7max. (10) 30 0.5 -40°C ~ +220°C 33110310 33110330 1.0 3.0 169 KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 1/13/06 1733 Reader's Spreads pg1-203:document 1/27/09 4:12 PM Page 167 |
Numéro de pièce similaire - ST81010001FBX100B |
|
Description similaire - ST81010001FBX100B |