Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


AIC1899 Datasheet(Fiches technique) 2 Page - Analog Intergrations Corporation

Numéro de pièce AIC1899
Description  1.0MHz Current-Mode Step-Up DC/DC Converter
Télécharger  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AIC [Analog Intergrations Corporation]
Site Internet  http://www.analog.com.tw
Logo 

 
 2 page
background image
AIC1899
2
ORDERING INFORMATION
PACKING TYPE
TR: TAPE & REEL
BG: BAG
PACKAGE TYPE
G: SOT-23-6
K: TSOT-23-6
P: LEAD FREE COMMERCIAL
G: GREEN PACKAGE
AIC1899XXXX
Example: AIC1899PGTR
in Lead Free SOT-23-6 Package & Tape
& Reel Packing Type
AIC1899PKTR
in Lead Free TSOT-23-6 Package & Tape
& Reel Packing Type
PIN CONFIGURATION
3
2
1
4
6
5
SOT-23-6 / TSOT-23-6
FRONT VIEW
1: LX
2: GND
3: FB
4: SHDN
5: SS
6: IN
Note: Pin1 is determined by orienting
the package marking as shown.
1899G
TSOT-23-6 Marking
Part No.
Marking
Part No.
Marking
AIC1899PK
899PK
AIC1899GK
899GK
SOT-23-6 Marking
Part No.
Marking
Part No.
Marking
AIC1899PG
1899P
AIC1899GG
1899G
ABSOLUTE MAXIMUM RATINGS
IN,
SHDN , FB, SS to GND
-0.3V to +6V
LX to GND
-0.3V to +27V
LX Pin RMS Current
0.14A
Operating Temperature Range
-40°C to 85°C
Junction Temperature
125°C
Storage Temperature Range
-65°C to 150°C
Lead Temperature (soldering, 10s)
260°C
Thermal Resistance Junction to Case
130°C /W
Thermal Resistance Junction to Ambient
220°C /W
(Assume no ambient airflow, no heatsink)
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AIC18961. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter 1 2 3 4 5 MoreAnalog Intergrations Corporation
MDT762720Step-up DC/DC Converter with Voltage Detector 1 2 3 4 5 Micon Design Technology Corporation
FAN5608_06Serial / Parallel LED Driver with Current-Regulated Step-Up DC/DC Converter 1 2 3 4 5 MoreFairchild Semiconductor
AAT1299Low Voltage 2MHz Step-Up DC/DC Converter 1 2 3 4 5 MoreAnalog Devices
ML0308_1Tiny Package High Efficiency White LED Driver and Step-up DC/DC Converter 1 2 3 4 5 MoreMinilogic Device Corporation Limited
RT9266Tiny Package High Efficiency Step-up DC/DC Converter 1 2 3 4 5 MoreRichtek Technology Corporation
XC9301_1PWM PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs 1 2 3 4 5 MoreTorex Semiconductor
RCR2562PFM Step-up DC/DC Converter 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MDT7727Step-up DC/DC Converter 1 2 3 4 Micon Design Technology Corporation

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl