Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AK7770EQ Fiches technique(PDF) 5 Page - Asahi Kasei Microsystems

No de pièce AK7770EQ
Description  Audio DSP with Multi-Channel Audio CODEC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7770EQ Fiches technique(HTML) 5 Page - Asahi Kasei Microsystems

  AK7770EQ Datasheet HTML 1Page - Asahi Kasei Microsystems AK7770EQ Datasheet HTML 2Page - Asahi Kasei Microsystems AK7770EQ Datasheet HTML 3Page - Asahi Kasei Microsystems AK7770EQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK7770EQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK7770EQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK7770EQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK7770EQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK7770EQ Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
[AK7770]
MS0699-E-01-PB
2008/06
- 5 -
Ordering Information
AK7770EQ
-10
∼ +70°C
80pin LQFP (0.5mm pitch)
AKD7770
Evaluation board
Pin Assignment
(TOP VIEW)
80 pin LQFP
AOUTR1
61
62
63
64
65
66
67
68
69
70
72
73
71
74
76
77
75
78
79
80
40
39
38
37
36
35
34
33
32
31
29
28
30
27
25
24
26
23
22
21
AOUTL1
VSS1
AVDD
AINL2
CLK2
LRCLK2
BITCLK1
VSS3
FRIR2
FROR2
FROL2
AINL3
AINR3
DVDD18
LRCLK1
Input
Output
I/O
Power
pin
FRIL2
SDIN1
DVDD
CAD0
SCL
VSS3
CAD1
AINR1
DVDD
BITCLK2
SDA
SDIN2
FROR1
AVDD
VCOM
AINR4
VSS1
AINL4
AINR2
XTI
XTO
CLK1
AINL1
DVDD18
Input
Output
I/O
Power
pin


Numéro de pièce similaire - AK7770EQ

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK7770 AKM-AK7770 Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
More results

Description similaire - AK7770EQ

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK7770 AKM-AK7770 Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
logo
List of Unclassifed Man...
AV2188 ETC-AV2188 Datasheet
198Kb / 20P
   Multi-Channel Audio CODEC
logo
Asahi Kasei Microsystem...
AKD4626A-B AKM-AKD4626A-B Datasheet
467Kb / 44P
   Multi-channel Audio CODEC.
AK4586 AKM-AK4586 Datasheet
586Kb / 54P
   MULTI CHANNEL AUDIO CODEC WITH DIR
logo
Realtek Semiconductor C...
ALC5640 REALTEK-ALC5640 Datasheet
1Mb / 150P
   Multi-Channel Audio Hub/CODEC
logo
Asahi Kasei Microsystem...
AK4961ECB AKM-AK4961ECB Datasheet
198Kb / 4P
   Low-Power CODEC with Audio/Voice DSP
AK7752 AKM-AK7752 Datasheet
645Kb / 23P
   Audio/Hands Free DSP with Stereo CODEC
logo
HuaXinAn Electronics CO...
AK4961ECB HUAXINAN-AK4961ECB Datasheet
311Kb / 4P
   Low-Power CODEC with Audio/Voice DSP
logo
Cirrus Logic
CS47L63 CIRRUS-CS47L63 Datasheet
6Mb / 300P
   Smart Codec with Low-Power Audio DSP
F3 SEP 18
logo
Realtek Semiconductor C...
ALC5642 REALTEK-ALC5642 Datasheet
1Mb / 156P
   Multi-Channel Audio Hub/CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com