Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AK7770EQ Fiches technique(PDF) 17 Page - Asahi Kasei Microsystems

No de pièce AK7770EQ
Description  Audio DSP with Multi-Channel Audio CODEC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7770EQ Fiches technique(HTML) 17 Page - Asahi Kasei Microsystems

Back Button AK7770EQ Datasheet HTML 13Page - Asahi Kasei Microsystems AK7770EQ Datasheet HTML 14Page - Asahi Kasei Microsystems AK7770EQ Datasheet HTML 15Page - Asahi Kasei Microsystems AK7770EQ Datasheet HTML 16Page - Asahi Kasei Microsystems AK7770EQ Datasheet HTML 17Page - Asahi Kasei Microsystems AK7770EQ Datasheet HTML 18Page - Asahi Kasei Microsystems AK7770EQ Datasheet HTML 19Page - Asahi Kasei Microsystems AK7770EQ Datasheet HTML 20Page - Asahi Kasei Microsystems AK7770EQ Datasheet HTML 21Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
[AK7770]
MS0699-E-01-PB
2008/06
- 17 -
Microcontroller Interface (I2CBUS Interface)
(Ta=-10
°C ~70°C; AVDD=HVDD=DVDD=3.0~3.6V; DVDD18=1.7~1.9V; VSS1= VSS2 = VSS3=0V)
Parameter
Symbol
min
typ
max
Unit
I2C Timing
SCL clock frequency
fSCL
400
kHz
Bus Free Time Between Transmissions
tBUF
1.3
μs
Start Condition Hold Time
(prior to first Clock pulse)
tHD:STA
0.6
μs
Clock Low Time
tLOW
1.3
μs
Clock High Time
tHIGH
0.6
μs
Setup Time for Repeated Start Condition
tSU:STA
0.6
μs
SDA Hold Time from SCL Falling
tHD:DAT
0
0.9
μs
SDA Setup Time from SCL Rising
tSU:DAT
0.1
μs
Rise Time of Both SDA and SCL Lines
tR
0.3
μs
Fall Time of Both SDA and SCL Lines
tF
0.3
μs
Setup Time for Stop Condition
tSU:STO
0.6
μs
Pulse Width of Spike Noise Suppress By Input Filter tSP
0
50
ns
Capacitive load on bus
Cb
400
pF
Note 33. I2C is a registered trademark of Philips Semiconductors.


Numéro de pièce similaire - AK7770EQ

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK7770 AKM-AK7770 Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
More results

Description similaire - AK7770EQ

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK7770 AKM-AK7770 Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
logo
List of Unclassifed Man...
AV2188 ETC-AV2188 Datasheet
198Kb / 20P
   Multi-Channel Audio CODEC
logo
Asahi Kasei Microsystem...
AKD4626A-B AKM-AKD4626A-B Datasheet
467Kb / 44P
   Multi-channel Audio CODEC.
AK4586 AKM-AK4586 Datasheet
586Kb / 54P
   MULTI CHANNEL AUDIO CODEC WITH DIR
logo
Realtek Semiconductor C...
ALC5640 REALTEK-ALC5640 Datasheet
1Mb / 150P
   Multi-Channel Audio Hub/CODEC
logo
Asahi Kasei Microsystem...
AK4961ECB AKM-AK4961ECB Datasheet
198Kb / 4P
   Low-Power CODEC with Audio/Voice DSP
AK7752 AKM-AK7752 Datasheet
645Kb / 23P
   Audio/Hands Free DSP with Stereo CODEC
logo
HuaXinAn Electronics CO...
AK4961ECB HUAXINAN-AK4961ECB Datasheet
311Kb / 4P
   Low-Power CODEC with Audio/Voice DSP
logo
Cirrus Logic
CS47L63 CIRRUS-CS47L63 Datasheet
6Mb / 300P
   Smart Codec with Low-Power Audio DSP
F3 SEP 18
logo
Realtek Semiconductor C...
ALC5642 REALTEK-ALC5642 Datasheet
1Mb / 156P
   Multi-Channel Audio Hub/CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com