Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDD25-15S2 Fiches technique(PDF) 3 Page - Chinfa Electronics Ind. Co., Ltd.

No de pièce TDD25-15S2
Description  DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Site Internet  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

TDD25-15S2 Fiches technique(HTML) 3 Page - Chinfa Electronics Ind. Co., Ltd.

  TDD25-15S2 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. TDD25-15S2 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. TDD25-15S2 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. TDD25-15S2 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.chinfa.com
TDD25 SERIES
SINGLE & DUAL OUTPUT
Characteristics
Conditions
min.
typ.
max.
unit
Switching frequency
Isolation voltage
Isolation resistance
Ambient temperature
Vi nom, Io nom
Input / Output
Input / Output, @ 500VDC
KHz
1,500
VDC
M
100
Characteristics
Conditions
min.
unit
Output voltage accuracy
Vi nom, Io nom
typ.
max.
2
%
200
2
%
48
Characteristics
Conditions
min.
typ.
max.
unit
Input voltage range
18
35
48
60
75
VDC
VDC
Ta min ... Ta max,
Io nom
24
Minimum load
Line regulation
Io nom, Vi min ...Vi max
Vi nom
0
10
%
%
%
Load regulation
o
% / C
Temperature coefficient
Transient recovery time
Vi nom, Io 0 ... Io nom
, single output models
Vi nom, Io nom
500
0.02
%
%
S
1
%
Case temperature
Operating at Vi nom, Io nom
oC
Storage temperature
Non operational
-40
+ 100
+ 100
oC
Derating
o
% / C
Vi nom
No load input current
24V models
48V models
mA
mA
Vi = nom
Input voltage w/o damage
65
VDC
VDC
Io nom
24V models
48V models
80
3:1 models
2:1 models
single output models
dual output models (each output)
Vi nom, Io min ... Io nom
, dual output models
-25
oC
+ 60
3.3V & 5V model
12V, 15V & dual output model
-25
+ 71
oC
Input filter
Pi type
10
15
OUTPUT SPECIFICATIONS
Ripple & noise
25% load, step changed
See derating curve
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
2
5
Startup voltage
VDC
Io nom
24V models
48V models
30
16
VDC
sales@chinfa.com
3.3V & 5V models
12V & 12V
Vi nom, Io nom,
BW = 20MHz
15V & 15V
mV
150
mV
240
mV
300
Voltage trim range
3.3V output models
Vi nom
5
%
5V, 12V, 15V & dual
%
10
Efficiency
Up to 84%, See model list
Vi nom, Io nom, Po / Pi
INPUT SPECIFICATIONS
Dimension
L50.8 x W76.2 x H12
Cooling
Free air convection
Case material
Metal
mm
GENERAL
2007.08.30


Numéro de pièce similaire - TDD25-15S2

FabricantNo de pièceFiches techniqueDescription
logo
Chinfa Electronics Ind....
TDD25-15S2 CHINFA-TDD25-15S2 Datasheet
263Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
TDD25-15S2 CHINFA-TDD25-15S2 Datasheet
225Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
More results

Description similaire - TDD25-15S2

FabricantNo de pièceFiches techniqueDescription
logo
Chinfa Electronics Ind....
TDD25-03S2 CHINFA-TDD25-03S2_10 Datasheet
263Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
TDD25 CHINFA-TDD25_14 Datasheet
225Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
logo
DENSEI-LAMBDA
PP10-24-5 LAMBDA-PP10-24-5 Datasheet
188Kb / 4P
   Single, Dual output DC-DC converter 1.5W ~ 25W
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_12 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25 Datasheet
407Kb / 2P
   25W Single Output DC-DC Converter
SD-25 MEANWELL-SD-25_10 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-25 ASTRODYNE-SD-25 Datasheet
484Kb / 2P
   25W Single Output DC-DC Converter
logo
DENSEI-LAMBDA
PP15 LAMBDA-PP15 Datasheet
188Kb / 4P
   Single output DC-DC converter 1.5W ~ 25W???
PPD3 LAMBDA-PPD3 Datasheet
188Kb / 4P
   Single output DC-DC converter 1.5W ~ 25W????
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com