Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD15-03S1 Fiches technique(PDF) 4 Page - Chinfa Electronics Ind. Co., Ltd.

No de pièce FDD15-03S1
Description  DC - DC CONVERTER 10 ~ 15W SINGLE & DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Site Internet  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

FDD15-03S1 Fiches technique(HTML) 4 Page - Chinfa Electronics Ind. Co., Ltd.

  FDD15-03S1 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. FDD15-03S1 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. FDD15-03S1 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. FDD15-03S1 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
sales@chinfa.com
FDD15 SERIES
MECHANISM & PIN CONFIGURATION
PHYSICAL CHARACTERISTICS
CASE SIZE
CASE MATERIAL
WEIGHT
50.8 x 50.8 x 11.9 mm 2 x 2 x 0.47 inches
Metal
65 g (typ.)
PIN ASSIGNMENT
PIN NO.
SINGLE
DUAL
Vi+
Vo+
Vi -
Vi+
Vo -
Vi -
DERATING
NATURAL
CONVECTION
COOLING
0
100
o
Ambient Temperature [ C ]
50
85
-10
1
GENERAL
NO PIN
com
Vo+
2
3
4
5
Vo -
SINGLE & DUAL OUTPUT
www.chinfa.com
mm [inch]
50.80 [2.00]
11.94 [0.47]
DIA 1.00 [0.04]
5.08 [0.20]
20.32 [0.80]
BOTTOM VIEW
3
4
5
1
2
15.24 [0.60]
10.16 [0.40]
10.16 [0.40]
50.80 [2.00]
22.86 [0.90]
5.08 [0.20]
15.24 [0.60]
2007.06.21


Numéro de pièce similaire - FDD15-03S1

FabricantNo de pièceFiches techniqueDescription
logo
Chinfa Electronics Ind....
FDD15-03S1 CHINFA-FDD15-03S1 Datasheet
344Kb / 8P
   DC - DC CONVERTER
FDD15-03S1 CHINFA-FDD15-03S1 Datasheet
291Kb / 8P
   DC - DC CONVERTER 10 ~ 15W SINGLE & DUAL OUTPUT
More results

Description similaire - FDD15-03S1

FabricantNo de pièceFiches techniqueDescription
logo
Chinfa Electronics Ind....
FDD15 CHINFA-FDD15_14 Datasheet
291Kb / 8P
   DC - DC CONVERTER 10 ~ 15W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE150R9NDFA DELTA-S24SE150R9NDFA Datasheet
914Kb / 14P
   15W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
WDD15-03S4U CHINFA-WDD15-03S4U Datasheet
216Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15U CHINFA-WDD15U_14 Datasheet
217Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15-03S4U CHINFA-WDD15-03S4U_10 Datasheet
237Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE3R305 DELTA-S24SE3R305 Datasheet
705Kb / 12P
   15W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
TDD15 CHINFA-TDD15_14 Datasheet
184Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
WDD15-03S4 CHINFA-WDD15-03S4 Datasheet
232Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
TDD15-03S2 CHINFA-TDD15-03S2_11 Datasheet
197Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
IDD15U CHINFA-IDD15U_14 Datasheet
200Kb / 4P
   DC - DC CONVERTER 13 ~ 15W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com