Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIB865970 Fiches technique(PDF) 2 Page - celduc-relais

No de pièce SIB865970
Description  AC Semiconductor Contactor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CELDUC [celduc-relais]
Site Internet  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SIB865970 Fiches technique(HTML) 2 Page - celduc-relais

  SIB865970 Datasheet HTML 1Page - celduc-relais SIB865970 Datasheet HTML 2Page - celduc-relais SIB865970 Datasheet HTML 3Page - celduc-relais SIB865970 Datasheet HTML 4Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
celduc
Control characteristics (at 25°C)
inputs in parallel for 230VAC or in serie fo 400VAC control
for each input :
DC
Paramètre / Parameter
Symbol
Min
Nom
Max
Unit
Control voltage : AC control
Uc
150
230
240
VAC
Control voltage : DC control
Uc
110
240
VDC
Control current (@ Uc )
Ic
3
7
mA
Release voltage
Uc off
15
V
Input LED
green
Input immunity : EN61000-4-4
2kV
Input immunity : EN61000-4-5
2KV
Output characteristics (at 20°C)
Parameter for each way
Conditions
Symbol
Typ.
Unit
Load voltage
Ue
400
V rms
Operating range
Uemin-max
24-510
V rms
Peak voltage
Up
1200
V
Clamping voltage
Uclamp
820 (@1mA)
V
Zero cross level
Usync
20
V
Latching voltage
Ie nom
Ua
8
V
AC-51 nominal current : permanent
( see Fig. 2 page 3)
Ie AC-51
2 x 22
A rms
AC-53 nominal current
Ie AC-53
2 x 12
A rms
Non repetitive overload current
tp=10ms (Fig. 3)
Itsm
550
A
On state voltage drop (typical value)
@ 25°C
Vt
0,9
V
Dynamic resistance (typical value)
rt
8
m
Output Power dissipation (typical value) : for each way ( ==> x2)
Pd
0,81xIe+0,08xIe
2
W
Thermal resistance between junction to air
Rthj/a
2,2 (1,8)
K/W
Off state leakage current
@Ue, 50Hz
Ilk
<1
mA
Minimum load current
Iemin
5
mA
Turn on time
Uc nom DC ,f=50Hz
ton max
30
ms
Turn off time
Uc nom DC ,f=50Hz
toff max
30
ms
Operating frequency range
f
0,1-440
Hz
Off state dv/dt
dv/dt
500
V/µs
Maximum di/dt non repetitive
di/dt
50
A/µs
I2t (<10ms)
I
2t
1500
A
2s
Conducted immunity level
IEC 1000-4-4 (burst)
4kV criterion A
Conducted immunity level
IEC 1000-4-5(schocks)
4kV criterion A
Short circuit protection
FERRAZ
gRC 25A/32A/50A/63A 14x51
Input : Ic = f( Uc)
page 2 / 4GB
S/CLP/SIB865970/B/21/04/2004
celpac®
0
50
100
150
200
250
0
0
2
4
6
8
0
U c (V)
General characteristics (at 20°C)
Input to output insulation
Ui
4000
VRMS
Output to case insulation
Ui
4000
VRMS
Insulation resistance
Ri
100 (@500VDC)
M
Rated impulse voltage
Uimp
4000
V
Protection level / CEI529
-
IP20
Pollution degree
-
2
Vibration resistance 10 -55 Hz according to CEI68 :
double amplitude
1,5
mm
Shocks resistance according to CEI68 ( on DIN rail / with screws)
-
30/50
g
Ambient temperature (with no icing or condensation)
-
-30 /+80
°C
Storage temperature (with no icing or condensation)
-30/+100
°C
Ambient humidity
HR
40 to 85
%
Weight
450
g
Conformity
EN60947-4-3 (IEC947-4-3)
Conformity
EN60950 UL/cUL pending


Numéro de pièce similaire - SIB865970

FabricantNo de pièceFiches techniqueDescription
logo
celduc-relais
SIB865170 CELDUC-SIB865170 Datasheet
282Kb / 4P
   AC Semiconductor Contactor
More results

Description similaire - SIB865970

FabricantNo de pièceFiches techniqueDescription
logo
celduc-relais
SIB765170 CELDUC-SIB765170 Datasheet
282Kb / 4P
   AC Semiconductor Contactor
SIB865170 CELDUC-SIB865170 Datasheet
282Kb / 4P
   AC Semiconductor Contactor
SIL855160 CELDUC-SIL855160 Datasheet
274Kb / 4P
   AC Semiconductor Contactor pitch 22,5mm compact size and DIN rail mounting.
SIM765170 CELDUC-SIM765170 Datasheet
277Kb / 4P
   AC Semiconductor Contactor pitch 45mm compact size and DIN rail mounting.
SIM845170 CELDUC-SIM845170 Datasheet
277Kb / 4P
   AC Semiconductor Contactor pitch 45mm compact size and DIN rail mounting.
SIL867170 CELDUC-SIL867170 Datasheet
123Kb / 4P
   AC Semiconductor Contactor pitch 22,5mm compact size and DIN rail mounting.
SIL863170 CELDUC-SIL863170 Datasheet
273Kb / 4P
   AC Semiconductor Contactor pitch 22,5mm compact size and DIN rail mounting.
SIL842170 CELDUC-SIL842170 Datasheet
273Kb / 4P
   AC Semiconductor Contactor pitch 22,5mm compact size and DIN rail mounting.
SIM865170 CELDUC-SIM865170 Datasheet
277Kb / 4P
   AC Semiconductor Contactor pitch 45mm compact size and DIN rail mounting.
SIL765170 CELDUC-SIL765170 Datasheet
273Kb / 4P
   AC Semiconductor Contactor pitch 22,5mm compact size and DIN rail mounting.
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com