Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSHA6202 Fiches technique(PDF) 6 Page - Vishay Siliconix

No de pièce TSHA6202
Description  GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHA6202 Fiches technique(HTML) 6 Page - Vishay Siliconix

  TSHA6202 Datasheet HTML 1Page - Vishay Siliconix TSHA6202 Datasheet HTML 2Page - Vishay Siliconix TSHA6202 Datasheet HTML 3Page - Vishay Siliconix TSHA6202 Datasheet HTML 4Page - Vishay Siliconix TSHA6202 Datasheet HTML 5Page - Vishay Siliconix TSHA6202 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TSHA620.
Vishay Telefunken
6 (6)
Rev. 2, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81021
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to
1. Meet all present and future national and international statutory requirements.
2. Regularly and continuously improve the performance of our products, processes, distribution and operating
systems with respect to their impact on the health and safety of our employees and the public, as well as their
impact on the environment.
It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as
ozone depleting substances ( ODSs ).
The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and
forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban
on these substances.
Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of
ODSs listed in the following documents.
1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively
2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental
Protection Agency ( EPA ) in the USA
3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively.
Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting
substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice.
Parameters can vary in different applications. All operating parameters must be validated for each customer application
by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the
buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or
indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use.
Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423


Numéro de pièce similaire - TSHA6202

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TSHA6202 VISHAY-TSHA6202 Datasheet
122Kb / 6P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Rev. 1.6, 05-Sep-08
TSHA6202 VISHAY-TSHA6202 Datasheet
115Kb / 6P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.8, 25-Jun-09
TSHA6202 VISHAY-TSHA6202 Datasheet
109Kb / 6P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.9, 24-Aug-11
TSHA6202 VISHAY-TSHA6202 Datasheet
108Kb / 6P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2022
TSHA6202 VISHAY-TSHA6202 Datasheet
107Kb / 6P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2023
More results

Description similaire - TSHA6202

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TSHA650 VISHAY-TSHA650 Datasheet
88Kb / 6P
   GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
Rev. 3, 20-May-99
TSHA520 VISHAY-TSHA520 Datasheet
89Kb / 6P
   GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
Rev. 2, 20-May-99
TSHA440 VISHAY-TSHA440 Datasheet
83Kb / 5P
   GaAlAs Infrared Emitting Diodes in ø 3 mm (T–1) Package
Rev. 2, 20-May-99
TSUS540 VISHAY-TSUS540 Datasheet
86Kb / 6P
   GaAs Infrared Emitting Diodes in 5 mm (T-13/4)Package
Rev. 2, 20-May-99
TSUS520 VISHAY-TSUS520 Datasheet
86Kb / 6P
   GaAs Infrared Emitting Diodes in ø 5 mm (T–1 3/4) Package
Rev. 2, 20-May-99
TSPF5400 VISHAY-TSPF5400 Datasheet
85Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 2, 20-May-99
TSHF5400 VISHAY-TSHF5400 Datasheet
84Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 7, 02-Aug-99
TSFF5400 VISHAY-TSFF5400 Datasheet
86Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 5, 29-Jun-99
TSAL7400 VISHAY-TSAL7400 Datasheet
76Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 3, 20-May-99
TSAL6200 VISHAY-TSAL6200 Datasheet
82Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 6, 20-May-99
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com