Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSAL4400 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce TSAL4400
Description  GaAs/GaAlAs IR Emitting Diode in 짰3 mm (T.1) Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSAL4400 Fiches technique(HTML) 1 Page - Vishay Siliconix

  TSAL4400 Datasheet HTML 1Page - Vishay Siliconix TSAL4400 Datasheet HTML 2Page - Vishay Siliconix TSAL4400 Datasheet HTML 3Page - Vishay Siliconix TSAL4400 Datasheet HTML 4Page - Vishay Siliconix TSAL4400 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSAL4400
Vishay Telefunken
1 (5)
Rev. 3, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81006
GaAs/GaAlAs IR Emitting Diode in ø 3 mm (T–1)
Package
Description
TSAL4400 is a high efficiency infrared emitting diode
in GaAlAs on GaAs technology, molded in clear, blue-
grey tinted plastic packages.
In comparison with the standard GaAs on GaAs
technology these emitters achieve about 100 % ra-
diant power improvement at a similar wavelength.
The forward voltages at low current and at high pulse
current roughly correspond to the low values of the
standard technology. Therefore these emitters are
ideally suitable as high performance replacements of
standard emitters.
Features
D Extra high radiant power
D Low forward voltage
D Suitable for high pulse current operation
D Standard T–1 (ø 3 mm) package
D Angle of half intensity ϕ = ± 25°
D Peak wavelength lp = 940 nm
D High reliability
D Good spectral matching to Si photodetectors
94 8488
Applications
Infrared remote control units
Free air transmission systems
Infrared source for optical counters and card readers
Absolute Maximum Ratings
Tamb = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
100
mA
Peak Forward Current
tp/T = 0.5, tp = 100 ms
IFM
200
mA
Surge Forward Current
tp = 100 ms
IFSM
1.5
A
Power Dissipation
PV
210
mW
Junction Temperature
Tj
100
°C
Operating Temperature Range
Tamb
–55...+100
°C
Storage Temperature Range
Tstg
–55...+100
°C
Soldering Temperature
t
x 5sec, 2 mm from case
Tsd
260
°C
Thermal Resistance Junction/Ambient
RthJA
350
K/W


Numéro de pièce similaire - TSAL4400

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TSAL4400 VISHAY-TSAL4400 Datasheet
110Kb / 5P
   High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
Rev. 1.6, 16-Sep-08
TSAL4400 VISHAY-TSAL4400 Datasheet
114Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
Rev. 1.9, 03-Nov-16
TSAL4400 VISHAY-TSAL4400 Datasheet
112Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2022
TSAL4400 VISHAY-TSAL4400 Datasheet
112Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
TSAL4400-RSZ VISHAY-TSAL4400-RSZ Datasheet
112Kb / 5P
   High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
01-Jan-2023
More results

Description similaire - TSAL4400

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TSAL6100 VISHAY-TSAL6100 Datasheet
82Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 2, 20-May-99
TSAL6400 VISHAY-TSAL6400 Datasheet
76Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 4, 20-May-99
TSAL7200 VISHAY-TSAL7200 Datasheet
82Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 1, 20-May-99
TSAL7400 VISHAY-TSAL7400 Datasheet
76Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 3, 20-May-99
TSAL6200 VISHAY-TSAL6200 Datasheet
82Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 6, 20-May-99
TSAL7300 VISHAY-TSAL7300 Datasheet
83Kb / 6P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 1, 20-May-99
TSAL7600 VISHAY-TSAL7600 Datasheet
80Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 2, 20-May-99
logo
TEMIC Semiconductors
TSIL6400 TEMIC-TSIL6400 Datasheet
111Kb / 5P
   GaAs/GaAlAs IR Emitting Diodes in 첩 5 mm Package
logo
Unity Opto Technology
MIE-324L3 UOT-MIE-324L3 Datasheet
32Kb / 2P
   GaAlAs T-1 PACKAGE INFRARED EMITTING DIODE
MIE-304L3 UOT-MIE-304L3 Datasheet
32Kb / 2P
   GaAlAs T-1 PACKAGE INFRARED EMITTING DIODE
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com